Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 67 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 67 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 63Page - Digital Core Design DP80390 Datasheet HTML 64Page - Digital Core Design DP80390 Datasheet HTML 65Page - Digital Core Design DP80390 Datasheet HTML 66Page - Digital Core Design DP80390 Datasheet HTML 67Page - Digital Core Design DP80390 Datasheet HTML 68Page - Digital Core Design DP80390 Datasheet HTML 69Page - Digital Core Design DP80390 Datasheet HTML 70Page - Digital Core Design DP80390 Datasheet HTML 71Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
DP80390 Instructions set details
- 67 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.31.
PUSH*
3.31.1.
LARGE
Instruction:
PUSH direct
Function:
Push onto stack
Description:
The stack pointer is incremented by one. The contents of the indicated
variable are then copied into the internal RAM location addressed by
the stack pointer. Otherwise no flags are affected.
Operation:
(PC)
← (PC) + 2
(SP)
← (SP) + 1
((SP))
← (direct)
Bytes:
2
Cycles:
3
Encoding:
1
1
0
0
0
0
0
0
direct address
3.31.2.
FLAT
Instruction:
PUSH direct
Function:
Push onto stack
Description:
The stack pointer is incremented by one. The contents of the indicated
variable are then copied into the internal RAM location addressed by
the stack pointer. Otherwise no flags are affected.
Operation:
(PC)
← (PC) + 2
(SP)
← (SP) + 1
((SP))
← (direct)
Bytes:
2
Cycles:
3
Encoding:
1
1
0
0
0
0
0
0
direct address
* instruction timing is identical in FLAT and LARGE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com