Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 82 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 82 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 76Page - Digital Core Design DP80390 Datasheet HTML 77Page - Digital Core Design DP80390 Datasheet HTML 78Page - Digital Core Design DP80390 Datasheet HTML 79Page - Digital Core Design DP80390 Datasheet HTML 80Page - Digital Core Design DP80390 Datasheet HTML 81Page - Digital Core Design DP80390 Datasheet HTML 82Page - Digital Core Design DP80390 Datasheet HTML 83Page - Digital Core Design DP80390 Datasheet HTML 84Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
DP80390 Instructions set details
- 82 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.44.
XRL
Instruction:
XRL <dest-byte>, <src-byte>
Function:
Logical Exclusive OR for byte variables
Description:
XRL performs the bit wise logical Exclusive OR operation between the
indicated variables, storing the results in the destination. No flags are
affected (except P, if <dest-byte> = A).
The two operands allow six addressing mode combinations. When the
destination is the accumulator, the source can use register, direct,
register-indirect, or immediate addressing; when the destination is a
direct address, the source can be accumulator or immediate data.
Note:
When this instruction is used to modify an output port, the value used
as the original port data will be read from the output data latch, not the
input pins.
3.44.1.
XRL A, RN
Operation:
(PC)
← (PC) + 1
(A)
← (A) xor (Rn)
Bytes:
1
Cycles:
1
Encoding:
0
1
1
0
1
r
r
r
3.44.2.
XRL A, DIRECT
Operation:
(PC)
← (PC) + 2
(A)
← (A) xor (direct)
Bytes:
2
Cycles:
2
Encoding:
0
1
1
0
0
1
0
1
direct address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com