Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 23 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 23 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 19Page - Digital Core Design DP80390 Datasheet HTML 20Page - Digital Core Design DP80390 Datasheet HTML 21Page - Digital Core Design DP80390 Datasheet HTML 22Page - Digital Core Design DP80390 Datasheet HTML 23Page - Digital Core Design DP80390 Datasheet HTML 24Page - Digital Core Design DP80390 Datasheet HTML 25Page - Digital Core Design DP80390 Datasheet HTML 26Page - Digital Core Design DP80390 Datasheet HTML 27Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
DP80390 Instructions set details
- 23 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.5.
ANL
Instruction:
ANL <dest-byte>, <src-byte>
Function:
Logical AND for byte operands
Description:
ANL performs the bit wise logical AND operation between the variables
indicated and stores the results in the destination variable. No flags are
affected (except P, if <dest-byte> = A). The two operands allow six
addressing mode combinations. When the destination is a accumulator,
the source can use register, direct, register-indirect, or immediate
addressing; when the destination is a direct address, the source can be
the accumulator or immediate data.
Note:
When this instruction is used to modify an output port, the value used
as the original port data will be read from the output data latch, not the
input pins.
3.5.1. ANL A, RN
Operation:
(PC)
← (PC) + 1
(A)
← (A) and (Rn)
Bytes:
1
Cycles:
1
Encoding:
0
1
0
1
1
r
r
r
3.5.2. ANL A, DIRECT
Operation:
(PC)
← (PC) + 2
(A)
← (A) and (direct)
Bytes:
2
Cycles:
2
Encoding:
0
1
0
1
0
1
0
1
direct address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com