Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 11 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 11 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design DP80390 Datasheet HTML 11Page - Digital Core Design DP80390 Datasheet HTML 12Page - Digital Core Design DP80390 Datasheet HTML 13Page - Digital Core Design DP80390 Datasheet HTML 14Page - Digital Core Design DP80390 Datasheet HTML 15Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
DP80390 Instructions set details
- 11 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
2.2.5. PROGRAM BRANCHES
Mnemonic
Description
Code
Bytes Cycles
ACALL addr11
LARGE
2
4
ACALL addr19
Absolute subroutine call
FLAT
0x11-0xF1
3
5
LCALL addr16
LARGE
3
4
LCALL addr24
Long subroutine call
FLAT
03
4
6
LARGE
4
RET
Return from subroutine
FLAT
22
1
5
LARGE
4
RETI
Return from interrupt
FLAT
32
1
5
AJMP addr11
LARGE
2
3
AJMP addr19
Absolute jump
FLAT
01-E1
3
4
LJMP addr16
LARGE
3
4
LJMP addr24
Long jump
FLAT
02
4
5
SJMP rel
Short jump (relative address)
80
2
3
JMP @A+DPTR
Jump indirect relative to the DPTR
73
1
5
JZ rel
Jump if accumulator is zero
60
2
4
JNZ rel
Jump if accumulator is not zero
70
2
4
JC rel
Jump if carry flag is set
40
2
3
JNC rel
Jump if carry flag is not set
50
2
3
JB bit,rel
Jump if direct bit is set
20
3
5
JNB bit,rel
Jump if direct bit is not set
30
3
5
JBC bit,direct rel
Jump if direct bit is set and clear bit
10
3
5
CJNE A,direct rel
Compare direct byte to A and jump if not equal
B5
3
5
CJNE A,#data rel
Compare immediate to A and jump if not equal
B4
3
4
CJNE Rn,#data rel
Compare immediate to reg. and jump if not equal
B8-BF
3
4
CJNE @Ri,#data rel
Compare immediate to ind. and jump if not equal
B6-B7
3
5
DJNZ Rn,rel
Decrement register and jump if not zero
D8-DF
2
4
DJNZ direct,rel
Decrement direct byte and jump if not zero
D5
3
5
NOP
No operation
00
1
1
Table 7. Program branches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com