Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 58 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 58 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 54Page - Digital Core Design DP80390 Datasheet HTML 55Page - Digital Core Design DP80390 Datasheet HTML 56Page - Digital Core Design DP80390 Datasheet HTML 57Page - Digital Core Design DP80390 Datasheet HTML 58Page - Digital Core Design DP80390 Datasheet HTML 59Page - Digital Core Design DP80390 Datasheet HTML 60Page - Digital Core Design DP80390 Datasheet HTML 61Page - Digital Core Design DP80390 Datasheet HTML 62Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
DP80390 Instructions set details
- 58 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.25.
MOVC*
Instruction:
MOVC A, @A + <base-reg>
Function:
Move code byte
Description:
The MOVC instructions load the accumulator with a code byte, or
constant from program memory. The address of the byte fetched is the
sum of the original unsigned eight-bit accumulator contents and the
contents of a 16-bit/24-bit base register, which may be either the data
pointer or the PC. In the latter case, the PC is incremented to the
address of the following instruction before being added to the
accumulator; otherwise the base register is not altered. 16-bit/24-bit
addition is performed so a carry-out from the low-order eight bits may
propagate through higher-order bits. No flags are affected.
3.25.1.
MOVC A, @A + DPTR
Operation:
(PC)
← (PC) + 1
(A)
← ((A) + (DPTR))
Bytes:
1
Cycles:
5
Encoding:
1
0
0
1
0
0
1
1
3.25.2.
MOVC A, @A + PC
Operation:
(PC)
← (PC) + 1
(A)
← ((A) + (PC))
Bytes:
1
Cycles:
4
Encoding:
1
0
0
0
0
0
1
1
* different registers are used in FLAT and LARGE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com