Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 15 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 15 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 11Page - Digital Core Design DP80390 Datasheet HTML 12Page - Digital Core Design DP80390 Datasheet HTML 13Page - Digital Core Design DP80390 Datasheet HTML 14Page - Digital Core Design DP80390 Datasheet HTML 15Page - Digital Core Design DP80390 Datasheet HTML 16Page - Digital Core Design DP80390 Datasheet HTML 17Page - Digital Core Design DP80390 Datasheet HTML 18Page - Digital Core Design DP80390 Datasheet HTML 19Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
DP80390 Instructions set details
- 15 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3. INSTRUCTIONS SET DETAILS
3.1.
ACALL *
3.1.1. LARGE
Instruction:
ACALL addr11
Function:
Absolute call
Description:
ACALL unconditionally calls a subroutine located at the indicated
address. The instruction increments the PC twice to obtain the address
of the following instruction, then pushes the 16-bit result onto the stack
(low-order byte first) and increments the stack pointer twice. The
destination address is obtained by successively concatenating the five
high-order bits of the incremented PC, opcode bits 7-5, the second byte
of the instruction. The subroutine called must therefore start within the
same 2K block of program memory as the first byte of the instruction
following ACALL. No flags are affected.
Operation:
(PC)
← (PC) + 2
(SP)
← (SP) + 1
((SP))
← (PC7-0)
(SP)
← (SP) + 1
((SP))
← (PC15-8)
(PC10-0)
← page address
Bytes:
2
Cycles:
4
Encoding:
a10 a9
a8
1
0
0
0
1
a7
a6
a5
a4
a3
a2
a1
a0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com