Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 56 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 56 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 52Page - Digital Core Design DP80390 Datasheet HTML 53Page - Digital Core Design DP80390 Datasheet HTML 54Page - Digital Core Design DP80390 Datasheet HTML 55Page - Digital Core Design DP80390 Datasheet HTML 56Page - Digital Core Design DP80390 Datasheet HTML 57Page - Digital Core Design DP80390 Datasheet HTML 58Page - Digital Core Design DP80390 Datasheet HTML 59Page - Digital Core Design DP80390 Datasheet HTML 60Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
DP80390 Instructions set details
- 56 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
Cycles:
2
Encoding:
0
1
1
1
0
1
1
i
immediate data
3.24.16.
MOV C, BIT
Function:
Move bit data
Description: The Boolean variable indicated by the second operand (directly
addressable bit) is copied into carry flag. No other register or flag is
affected.
Operation:
(PC)
← (PC) + 2
(C)
← (bit)
Bytes:
2
Cycles:
2
Encoding:
1
0
1
0
0
0
1
0
bit address
3.24.17.
MOV BIT, C
Function:
Move carry flag
Description: The carry flag is copied into the Boolean variable indicated by the first
operand (directly addressable bit). No other register or flag is affected.
Operation:
(PC)
← (PC) + 2
(bit)
← (C)
Bytes:
2
Cycles:
3
Encoding:
1
0
0
1
0
0
1
0
bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com