Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 49 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 49 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 45Page - Digital Core Design DP80390 Datasheet HTML 46Page - Digital Core Design DP80390 Datasheet HTML 47Page - Digital Core Design DP80390 Datasheet HTML 48Page - Digital Core Design DP80390 Datasheet HTML 49Page - Digital Core Design DP80390 Datasheet HTML 50Page - Digital Core Design DP80390 Datasheet HTML 51Page - Digital Core Design DP80390 Datasheet HTML 52Page - Digital Core Design DP80390 Datasheet HTML 53Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
DP80390 Instructions set details
- 49 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.22.
LCALL *
3.22.1.
LARGE
Instruction:
LCALL addr16
Function:
Long call
Description:
LCALL calls a subroutine located at the indicated address. The
instruction adds three to the program counter to generate the address
of the next instruction and then pushes the 16-bit result onto the stack
(low byte first), incrementing the stack pointer by two. The high-order
and low-order bytes of the PC are then loaded, respectively, with the
second and third bytes of the LCALL instruction. Program execution
continues with the instruction at this address. The subroutine may
therefore begin anywhere in the full 64 kB program memory address
space. No flags are affected.
Operation:
(PC)
← (PC) + 3
(SP)
← (SP) + 1
((SP))
← (PC7-0)
(SP)
← (SP) + 1
((SP))
← (PC15-8)
(PC)
← addr15-0
Bytes:
3
Cycles:
4
Encoding:
0
0
0
1
0
0
1
0
address 15..8
address 7..0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com