Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 52 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 52 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 48Page - Digital Core Design DP80390 Datasheet HTML 49Page - Digital Core Design DP80390 Datasheet HTML 50Page - Digital Core Design DP80390 Datasheet HTML 51Page - Digital Core Design DP80390 Datasheet HTML 52Page - Digital Core Design DP80390 Datasheet HTML 53Page - Digital Core Design DP80390 Datasheet HTML 54Page - Digital Core Design DP80390 Datasheet HTML 55Page - Digital Core Design DP80390 Datasheet HTML 56Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
DP80390 Instructions set details
- 52 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.24.
MOV
Instruction:
MOV <dest-byte>, <src-byte>
Function:
Move byte variable
Description:
The byte variable indicated by the second operand is copied into the
location specified by the first operand. The source byte is not affected.
No other register or flag is affected. This is by far the most flexible
operation. Fifteen combinations of source and destination addressing
modes are allowed.
3.24.1.
MOV A, RN
Operation:
(PC)
← (PC) + 1
(A)
← (Rn)
Bytes:
1
Cycles:
1
Encoding:
1
1
1
0
1
r
r
r
3.24.2.
MOV A, DIRECT
Operation:
(PC)
← (PC) + 2
(A)
← (direct)
Note:
MOV A, ACC is a valid instruction.
Bytes:
2
Cycles:
2
Encoding:
1
1
1
0
0
1
0
1
direct address
3.24.3.
MOV A, @RI
Operation:
(PC)
← (PC) + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com