Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 77 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 77 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 73Page - Digital Core Design DP80390 Datasheet HTML 74Page - Digital Core Design DP80390 Datasheet HTML 75Page - Digital Core Design DP80390 Datasheet HTML 76Page - Digital Core Design DP80390 Datasheet HTML 77Page - Digital Core Design DP80390 Datasheet HTML 78Page - Digital Core Design DP80390 Datasheet HTML 79Page - Digital Core Design DP80390 Datasheet HTML 80Page - Digital Core Design DP80390 Datasheet HTML 81Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
DP80390 Instructions set details
- 77 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.40.
SUBB
Instruction:
SUBB A, <src-byte>
Function:
Subtract with borrow
Description:
SUBB subtracts the indicated variable and the carry flag together from
the accumulator, leaving the result in the accumulator. SUBB sets the
carry (borrow) flag if a borrow is needed for bit 7, and clears C
otherwise. (If C was set before executing a SUBB instruction, this
indicates that a borrow was needed for the previous step in a multiple
precision subtraction, so the carry is subtracted from the accumulator
along with the source operand). AC is set if a borrow is needed for bit 3,
and cleared otherwise. OV is set if a borrow is needed into bit 6 but not
into bit 7, or into bit 7 but not bit 6.
When subtracting signed integers OV indicates a negative number
produced when a negative value is subtracted from a positive value, or
a positive result when a positive number is subtracted from a negative
number.
The source operand allows four addressing modes: register, direct,
register-indirect, or immediate.
3.40.1.
SUBB A, RN
Operation:
(PC)
← (PC) + 1
(A)
← (A) - (C) - (Rn)
Bytes:
1
Cycles:
1
Encoding:
1
0
0
1
1
r
r
r
3.40.2.
SUBB A, DIRECT
Operation:
(PC)
← (PC) + 2
(A)
← (A) - (C) - (direct)
Bytes:
2
Cycles:
2
Encoding:
1
0
0
1
0
1
0
1
direct address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com