Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 69 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 69 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 65Page - Digital Core Design DP80390 Datasheet HTML 66Page - Digital Core Design DP80390 Datasheet HTML 67Page - Digital Core Design DP80390 Datasheet HTML 68Page - Digital Core Design DP80390 Datasheet HTML 69Page - Digital Core Design DP80390 Datasheet HTML 70Page - Digital Core Design DP80390 Datasheet HTML 71Page - Digital Core Design DP80390 Datasheet HTML 72Page - Digital Core Design DP80390 Datasheet HTML 73Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
DP80390 Instructions set details
- 69 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.33.
RETI *
3.33.1.
LARGE
Function:
Return from interrupt
Description:
RETI pops the PC successively from the stack, and restores the
interrupt logic to accept additional interrupts at the same priority level as
the one just processed. The stack pointer is left decremented by two.
No other registers are affected; the PSW is not automatically restored to
its pre-interrupt status. Program execution continues at the resulting
address, which is generally the instruction immediately after the point at
which the interrupt request was detected. If a lower or same-level
interrupt is pending when the RETI instruction is executed, that one
instruction will be executed before the pending interrupt is processed.
Operation:
(PC15-8)
← ((SP))
(SP)
← (SP) - 1
(PC7-0)
← ((SP))
(SP)
← (SP) - 1
Bytes:
1
Cycles:
4
Encoding:
0
0
1
1
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com