Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 40 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 40 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 36Page - Digital Core Design DP80390 Datasheet HTML 37Page - Digital Core Design DP80390 Datasheet HTML 38Page - Digital Core Design DP80390 Datasheet HTML 39Page - Digital Core Design DP80390 Datasheet HTML 40Page - Digital Core Design DP80390 Datasheet HTML 41Page - Digital Core Design DP80390 Datasheet HTML 42Page - Digital Core Design DP80390 Datasheet HTML 43Page - Digital Core Design DP80390 Datasheet HTML 44Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
DP80390 Instructions set details
- 40 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.13.3.
INC DIRECT
Operation:
(PC)
← (PC) + 2
(direct)
← (direct) + 1
Bytes:
2
Cycles:
3
Encoding:
0
0
0
0
0
1
0
1
direct address
3.13.4.
INC @RI
Operation:
(PC)
← (PC) + 1
((Ri))
← ((Ri)) + 1
Bytes:
1
Cycles:
3
Encoding:
0
0
0
0
0
1
1
i
3.13.5.
INC DPTR*
Function:
Increment active data pointer
Description: Increment the 16-bit data pointer (in LARGE) or 24-bit data pointer (in
FLAT) by 1. A 16-bit/24-bit increment (modulo 2
16/224) is performed; an
overflow of the low-order byte of the data pointer (DPL) from 0xFF to
0x00 will increment the high-order byte (DPH). No flags are affected.
This is the only 16-bit/24-bit register which can be incremented or
decremented. Refer to Data Pointer Extended registers chapter of
DP80390 specification.
Operation:
(PC)
← (PC) + 1
(DPTR)
← (DPTR) + 1
Bytes:
1
Cycles:
1
Encoding:
1
0
1
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com