Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 39 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 39 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 35Page - Digital Core Design DP80390 Datasheet HTML 36Page - Digital Core Design DP80390 Datasheet HTML 37Page - Digital Core Design DP80390 Datasheet HTML 38Page - Digital Core Design DP80390 Datasheet HTML 39Page - Digital Core Design DP80390 Datasheet HTML 40Page - Digital Core Design DP80390 Datasheet HTML 41Page - Digital Core Design DP80390 Datasheet HTML 42Page - Digital Core Design DP80390 Datasheet HTML 43Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
DP80390 Instructions set details
- 39 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.13.
INC
Instruction:
INC operand
Function:
Increment
Description:
INC increments the indicated variable by 1. An original value of 0FFh
will overflow to 00h. No flags are affected. Three addressing modes are
allowed: register, direct, or register-indirect.
Note:
When this instruction is used to modify an output port, the value used
as the original port data will be read from the output data latch, not the
input pins.
3.13.1.
INC A
Operation:
(PC)
← (PC) + 1
(A)
← (A) + 1
Bytes:
1
Cycles:
1
Encoding:
0
0
0
0
0
1
0
0
3.13.2.
INC RN
Operation:
(PC)
← (PC) + 1
(Rn)
← (Rn) + 1
Bytes:
1
Cycles:
2
Encoding:
0
0
0
0
1
r
r
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com