Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 76 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 76 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 72Page - Digital Core Design DP80390 Datasheet HTML 73Page - Digital Core Design DP80390 Datasheet HTML 74Page - Digital Core Design DP80390 Datasheet HTML 75Page - Digital Core Design DP80390 Datasheet HTML 76Page - Digital Core Design DP80390 Datasheet HTML 77Page - Digital Core Design DP80390 Datasheet HTML 78Page - Digital Core Design DP80390 Datasheet HTML 79Page - Digital Core Design DP80390 Datasheet HTML 80Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
DP80390 Instructions set details
- 76 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.39.
SJMP
Instruction:
SJMP rel
Function:
Short jump
Description:
Program control branches unconditionally to the address indicated. The
branch destination is computed by adding the signed displacement in
the second instruction byte to the PC, after incrementing the PC twice.
Therefore, the range of destinations allowed is from 128 bytes
preceding this instruction to 127 bytes following it.
Note:
Under the above conditions the instruction following SJMP will be at
102 H. Therefore, the displacement byte of the instruction will be the
relative offset (0123 H - 0102 H ) = 21 H . In other words, an SJMP with
a displacement of 0FE H would be a one-instruction infinite loop.
Operation:
(PC)
← (PC) + 2
(PC)
← (PC) + rel
Bytes:
2
Cycles:
3
Encoding:
1
0
0
0
0
0
0
0
relative address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com