Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 63 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 63 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 59Page - Digital Core Design DP80390 Datasheet HTML 60Page - Digital Core Design DP80390 Datasheet HTML 61Page - Digital Core Design DP80390 Datasheet HTML 62Page - Digital Core Design DP80390 Datasheet HTML 63Page - Digital Core Design DP80390 Datasheet HTML 64Page - Digital Core Design DP80390 Datasheet HTML 65Page - Digital Core Design DP80390 Datasheet HTML 66Page - Digital Core Design DP80390 Datasheet HTML 67Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
DP80390 Instructions set details
- 63 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.29.
ORL
Instruction:
ORL <dest-byte>, <src-byte>
Function:
Logical OR for byte variables
Description:
ORL performs the bit wise logical OR operation between the indicated
variables, storing the results in the destination byte. No flags are
affected (except P, if <dest-byte> = A).
The two operands allow six addressing mode combinations. When the
destination is the accumulator, the source can use register, direct,
register-indirect, or immediate addressing; when the destination is a
direct address, the source can be the accumulator or immediate data.
Note:
When this instruction is used to modify an output port, the value used
as the original port data will be read from the output data latch, not the
input pins.
3.29.1.
ORL A, RN
Operation:
(PC)
← (PC) + 1
(A)
← (A) or (Rn)
Bytes:
1
Cycles:
1
Encoding:
0
1
0
0
1
r
r
r
3.29.2.
ORL A, DIRECT
Operation:
(PC)
← (PC) + 2
(A)
← (A) or (direct)
Bytes:
2
Cycles:
2
Encoding:
0
1
0
0
0
1
0
1
direct address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com