Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 12 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 12 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design DP80390 Datasheet HTML 11Page - Digital Core Design DP80390 Datasheet HTML 12Page - Digital Core Design DP80390 Datasheet HTML 13Page - Digital Core Design DP80390 Datasheet HTML 14Page - Digital Core Design DP80390 Datasheet HTML 15Page - Digital Core Design DP80390 Datasheet HTML 16Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
DP80390 Instructions set details
- 12 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
2.3. INSTRUCTION SET BRIEF – HEXADECIMAL ORDER
Opcode
Mnemonic
Opcode
Mnemonic
00 H
NOP
30 H
JNB bit.rel
01 H
AJMP addr11/addr19
31 H
ACALL addr11/addr19
02 H
LJMP addr16 /addr24
32 H
RETI
03 H
RR A
33 H
RLC A
04 H
INC A
34 H
ADDC A,#data
05 H
INC direct
35 H
ADDC A,direct
06 H
INC @R0
36 H
ADDC A,@R0
07 H
INC @R1
37 H
ADDC A,@R1
08 H
INC R0
38 H
ADDC A,R0
09 H
INC R1
39 H
ADDC A,R1
0A H
INC R2
3A H
ADDC A,R2
0B H
INC R3
3B H
ADDC A,R3
0C H
INC R4
3C H
ADDC A,R4
0D H
INC R5
3D H
ADDC A,R5
0E H
INC R6
3E H
ADDC A,R6
0F H
INC R7
3F H
ADDC A,R7
10 H
JBC bit,rel
40 H
JC rel
11 H
ACALL addr11/addr19
41 H
AJMP addr11/addr19
12 H
LCALL addr16/addr24
42 H
ORL direct,A
13 H
RRC A
43 H
ORL direct,#data
14 H
DEC A
44 H
ORL A,#data
15 H
DEC direct
45 H
ORL A,direct
16 H
DEC @R0
46 H
ORL A,@R0
17 H
DEC @R1
47 H
ORL A,@R1
18 H
DEC R0
48 H
ORL A,R0
19 H
DEC R1
49 H
ORL A,R1
1A H
DEC R2
4A H
ORL A,R2
1B H
DEC R3
4B H
ORL A,R3
1C H
DEC R4
4C H
ORL A,R4
1D H
DEC R5
4D H
ORL A,R5
1E H
DEC R6
4E H
ORL A,R6
1F H
DEC R7
4F H
ORL A,R7
20 H
JB bit.rel
50 H
JNC rel
21 H
AJMP addr11/addr19
51 H
ACALL addr11/addr19
22 H
RET
52 H
ANL direct,A
23 H
RL A
53 H
ANL direct,#data
24 H
ADD A,#data
54 H
ANL A,#data
25 H
ADD A,direct
55 H
ANL A,direct
26 H
ADD A,@R0
56 H
ANL A,@R0
27 H
ADD A,@R1
57 H
ANL A,@R1
28 H
ADD A,R0
58 H
ANL A,R0
29 H
ADD A,R1
59 H
ANL A,R1
2A H
ADD A,R2
5A H
ANL A,R2
2B H
ADD A,R3
5B H
ANL A,R3
2C H
ADD A,R4
5C H
ANL A,R4
2D H
ADD A,R5
5D H
ANL A,R5
2E H
ADD A,R6
5E H
ANL A,R6
2F H
ADD A,R7
5F H
ANL A,R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com