Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 10 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 10 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design DP80390 Datasheet HTML 11Page - Digital Core Design DP80390 Datasheet HTML 12Page - Digital Core Design DP80390 Datasheet HTML 13Page - Digital Core Design DP80390 Datasheet HTML 14Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
DP80390 Instructions set details
- 10 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
2.2.4. DATA TRANSFERS
Mnemonic
Description
Code
Bytes Cycles
MOV A,Rn
Move register to accumulator
0xE8-0xEF
1
1
MOV A,direct
Move direct byte to accumulator
0xE5
2
2
MOV A,@Ri
Move indirect RAM to accumulator
0xE6-0xE7
1
2
MOV A,#data
Move immediate data to accumulator
0x74
2
2
MOV Rn,A
Move accumulator to register
0xF8-0xFF
1
1
MOV Rn,direct
Move direct byte to register
0xA8-0xAF
2
3
MOV Rn,#data
Move immediate data to register
0x78-0x7F
2
2
MOV direct,A
Move accumulator to direct byte
0xF5
2
2
MOV direct,Rn
Move register to direct byte
0x88-8F
2
2
MOV direct1,direct2
Move direct byte to direct byte
85
3
3
MOV direct,@Ri
Move indirect RAM to direct byte
86-87
2
3
MOV direct,#data
Move immediate data to direct byte
75
3
3
MOV @Ri,A
Move accumulator to indirect RAM
F6-F7
1
2
MOV @Ri,direct
Move direct byte to indirect RAM
A6-A7
2
3
MOV @Ri,#data
Move immediate data to indirect RAM
76-77
2
2
MOV DPTR,#data16
Load 16-bit constant into active DPH and DPL in
LARGE mode
90
3
3
MOV DPTR,#data24
Load 24-bit constant into active DPX, DPH and
DPL in FLAT mode
90
4
4
MOVC A,@A+DPTR Move code byte relative to DPTR to accumulator
93
1
5
MOVC A,@A+PC
Move code byte relative to PC to accumulator
83
1
4
MOVX A,@Ri
Move external RAM (8-bit address) to A
E2-E3
1
3*
MOVX A,@DPTR
Move external RAM (16-bit address) to A
E0
1
2*
CODE inside ROM/RAM
destination XRAM data
4*
MOVX @Ri,A
Move A to external
RAM (8-bit address)
all other cases
F2-F3
1
5*
CODE inside ROM/RAM
destination XRAM data
3*
MOVX @DPTR,A
Move A to external
RAM (16-bit address)
all other cases
F0
1
4*
LARGE
3
PUSH direct
Push direct byte onto stack
FLAT
C0
2
3
LARGE
2
POP direct
Pop direct byte from stack
FLAT
D0
2
2
XCH A,Rn
Exchange register with accumulator
C8-CF
1
2
XCH A,direct
Exchange direct byte with accumulator
C5
2
3
XCH A,@Ri
Exchange indirect RAM with accumulator
C6-C7
1
3
XCHD A,@Ri
Exchange low-order nibble indirect RAM with A
D6-D7
1
3
Table 6. Data transfer
* MOVX cycles depends on external data memory access time (READY pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com