Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 9 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 9 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design DP80390 Datasheet HTML 11Page - Digital Core Design DP80390 Datasheet HTML 12Page - Digital Core Design DP80390 Datasheet HTML 13Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
DP80390 Instructions set details
- 9 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
2.2.2. LOGIC OPERATIONS
Mnemonic
Description
Code
Bytes Cycles
ANL A,Rn
AND register to accumulator
0x58-0x5F
1
1
ANL A,direct
AND direct byte to accumulator
0x55
2
2
ANL A,@Ri
AND indirect RAM to accumulator
0x56-0x57
1
2
ANL A,#data
AND immediate data to accumulator
0x54
2
2
ANL direct,A
AND accumulator to direct byte
0x52
2
3
ANL direct,#data
AND immediate data to direct byte
0x53
3
3
ORL A,Rn
OR register to accumulator
0x48-0x4F
1
1
ORL A,direct
OR direct byte to accumulator
0x45
2
2
ORL A,@Ri
OR indirect RAM to accumulator
0x46-0x47
1
2
ORL A,#data
OR immediate data to accumulator
0x44
2
2
ORL direct,A
OR accumulator to direct byte
0x42
2
3
ORL direct,#data
OR immediate data to direct byte
0x43
3
3
XRL A,Rn
Exclusive OR register to accumulator
0x68-0x6F
1
1
XRL A,direct
Exclusive OR direct byte to accumulator
0x65
2
2
XRL A,@Ri
Exclusive OR indirect RAM to accumulator
0x66-0x67
1
2
XRL A,#data
Exclusive OR immediate data to accumulator
0x64
2
2
XRL direct,A
Exclusive OR accumulator to direct byte
0x62
2
3
XRL direct,#data
Exclusive OR immediate data to direct byte
0x63
3
3
CLR A
Clear accumulator
0xE4
1
1
CPL A
Complement accumulator
0xF4
1
1
RL A
Rotate accumulator left
0x23
1
1
RLC A
Rotate accumulator left through carry
0x33
1
1
RR A
Rotate accumulator right
0x03
1
1
RRC A
Rotate accumulator right through carry
0x13
1
1
SWAP A
Swap nibbles within the accumulator
0xC4
1
1
Table 4. Logic operations
2.2.3. BOOLEAN MANIPULATION
Mnemonic
Description
Code
Bytes Cycles
CLR C
Clear carry flag
0xC3
1
1
CLR bit
Clear direct bit
0xC2
2
3
SETB C
Set carry flag
0xD3
1
1
SETB bit
Set direct bit
0xD2
2
3
CPL C
Complement carry flag
0xB3
1
1
CPL bit
Complement direct bit
0xB2
2
3
ANL C,bit
AND direct bit to carry flag
0x82
2
2
ANL C,/bit
AND complement of direct bit to carry
0xB0
2
2
ORL C,bit
OR direct bit to carry flag
0x72
2
2
ORL C,/bit
OR complement of direct bit to carry
0xA0
2
2
MOV C,bit
Move direct bit to carry flag
0xA2
2
2
MOV bit,C
Move carry flag to direct bit
0x92
2
3
Table 5. Boolean manipulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com