Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 53 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 53 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 49Page - STMicroelectronics TDA7540N Datasheet HTML 50Page - STMicroelectronics TDA7540N Datasheet HTML 51Page - STMicroelectronics TDA7540N Datasheet HTML 52Page - STMicroelectronics TDA7540N Datasheet HTML 53Page - STMicroelectronics TDA7540N Datasheet HTML 54Page - STMicroelectronics TDA7540N Datasheet HTML 55Page - STMicroelectronics TDA7540N Datasheet HTML 56Page - STMicroelectronics TDA7540N Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
TDA7540N
Software specification
53/76
0
0
0
KAGC threshold 80dBµV
0
0
1
KAGC threshold 82dBµV
0
1
0
KAGC threshold 84dBµV
0
1
1
KAGC threshold 86dBµV
1
0
0
KAGC threshold 88dBµV
1
0
1
KAGC threshold 90dBµV
1
1
0
KAGC threshold 92dBµV
111
Keying AGC “OFF”
0RF KAGC“0FF”
1RF KAGC“0N”
Table 27.
Addr 15 FM AGC
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 28.
Addr 16 AM AGC
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000
not valid
0001
not valid
0010
WAGC V4TH= 97dBµ V71TH= 96.5dBµ
0011
WAGC V4TH= 98.5dBµ V71TH= 98.5dBµ
0100
WAGC V4TH= 100dBµ V71TH= 100dBµ
0101
WAGC V4TH= 101.5dBµ V71TH= 101dBµ
0110
WAGC V4TH= 102.5dBµ V71TH= 102.5dBµ
0111
WAGC V4TH= 103.5dBµ V71TH= 103.5dBµ
1000
WAGC V4TH= 104.5dBµ V71TH= 104dBµ
1001
WAGC V4TH= 105dBµ V71TH= 105dBµ
1010
WAGC V4TH= 106dBµ V71TH= 105.5dBµ
1011
WAGC V4TH= 106.5dBµ V71TH= 106.5dBµ
1100
WAGC V4TH= 107dBµ V71TH= 107dBµ
1101
WAGC V4TH= 108dBµ V71TH= 107.5dBµ
1110
WAGC V4TH= 108.5dBµ V71TH= 108dBµ
1111
WAGC V4TH= 109dBµ V71TH= 108.5dBµ
000
0
DAGC V71TH= 74dBµ
000
1
DAGC V71TH= 77dBµ
001
0
DAGC V71TH= 79dBµ
001
1
DAGC V71TH= 80.5dBµ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com