Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 34Page - STMicroelectronics TDA7540N Datasheet HTML 35Page - STMicroelectronics TDA7540N Datasheet HTML 36Page - STMicroelectronics TDA7540N Datasheet HTML 37Page - STMicroelectronics TDA7540N Datasheet HTML 38Page - STMicroelectronics TDA7540N Datasheet HTML 39Page - STMicroelectronics TDA7540N Datasheet HTML 40Page - STMicroelectronics TDA7540N Datasheet HTML 41Page - STMicroelectronics TDA7540N Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
Functional description
TDA7540N
38/76
The last bit of the start instruction defines the type of operation to be performed:
–
When set to "1", a read operation is selected
–
When set to "0", a write operation is selected
The TDA7540N connected to the bus will compare their own hardwired address with the
slave address being transmitted, after detecting a START condition. After this comparison,
the TDA7540N will generate an "acknowledge" on the SDA line and will do either a read or a
write operation according to the state of R/W bit.
Write operation
Following a START condition the master sends a slave address word with the R/W bit set to
"0". The device will generate an "acknowledge" after this first transmission and will wait for a
second word (the word address field). This 8-bit address field provides an access to any of
the 64 internal addresses.
Upon receipt of the word address the TDA7540N slave device will respond with an
"acknowledge". At this time, all the following words transmitted to the TDA7540N will be
considered as Data. The internal address will be automatically incremented up to hex40 in
page mode. Than again subaddresse hex60 has to be transmitted for following registers
above 32.
After each word receipt the TDA7540N will answer with an "acknowledge".
Read operation
If the master sends a slave address word with the R/W bit set to "1", the TDA7540N will
transit one 8-bit data word. This data word includes the following informations:
bit0 (ISS filter, 1 = ON, 0 = OFF)
bit1 (ISS filter bandwidth, 1 = 80kHz, 0 = 120kHz)
bit2 (STEREO,1 = STEREO, 0 = MONO)
bit3 (1 = PLL is locked in , 0 = PLL is locked out).
bit4 (fieldstrength indicator, 1 = lower as softmute threshold, 0 = higher as softmute
threshold)
bit5 (adjacent channel indicator, 1 = adjacent channel present, 0 = no adjacent
channel)
bit6 (deviation indicator, 1 = strong overdeviation present, 0 = no strong overdeviation)
bit7 (deviation indicator, 1 = overdeviation present, 0 = no overdeviation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com