Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 29Page - STMicroelectronics TDA7540N Datasheet HTML 30Page - STMicroelectronics TDA7540N Datasheet HTML 31Page - STMicroelectronics TDA7540N Datasheet HTML 32Page - STMicroelectronics TDA7540N Datasheet HTML 33Page - STMicroelectronics TDA7540N Datasheet HTML 34Page - STMicroelectronics TDA7540N Datasheet HTML 35Page - STMicroelectronics TDA7540N Datasheet HTML 36Page - STMicroelectronics TDA7540N Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
TDA7540N
Functional description
33/76
used to increase the PEAK voltage. Offset and gain of this circuit are programmable in 3
steps (NBDTH) of the stereo decoder-byte (the first step turns off the detector).
Multipath-level
To react on high repetitive spikes caused by a Multipath-situation, the discharge-time of the
PEAK voltage can be decreased depending on the voltage-level at Pin MPout. There are
two ways to do this. One way is to switch on the linear influence of the Multipath-Level on the
PEAK-signal . In this case the discharge slew rate is 1V/ms1). The second possibility is to
activate a function, which switches to the 18k discharge if the Multipath-Level is below 2.5V.
If multipath influence on noise blanker is switched ON than MPF bit has to be set to 0.
1) The slew rate is measured with R
Discharge=infinite and VMPout=2.5V
AM Mode of Noise Blanker
The TDA7540N offers an AM audio noise blanker too.
If the AM noise blanker is used the AM audio delay filter and the AM audio filter must be
switched on. It is not recommented to use the AM noise blanker without to use the AMIF
noiseblanker inside the tuner.
The noise blanker is activated if the spike is bigger than a fixed threshold
In order to blank the whole spike in AM mode the hold time of the S&H circuit is much longer
than in FM mode (640µs -1.2ms).
4.3.3
Functional description of the multipath-detector
Using the internal Multipath-Detector the audible effects of a multipath condition can be
minimized. A multipath-condition is detected by rectifying the 19kHz spectrum in the
fieldstrength signal. An external capacitor is used to define the attack- and decay-times (see
block diagram, Figure 16). The MP_OUT-pin is used as detector-output connected to a
capacitor of about 47nF. Using this configuration an external adaptation to the user's
requirement is possible without affecting the "normal" fieldstrength input (LEVEL) for the
stereo decoder.
To keep the old value of the Multipath Detector during an AF-jump, the MP-Hold switch can
disconnect the external capacitor. This switch is controlled directly by the AFS-Pin.
Selecting MPION the channel separation is automatically reduced during a multipath
condition according to the voltage appearing at the MP_OUT-pin.
Programming
To obtain a good multipath performance an adaptation is necessary. Therefore the gain of
the first 19kHz-bandpass is programmable in two steps (MPG), the gain of the second
19kHz-bandpass is programmable in four steps (MPBPG) and the rectifier gain is
programmable in four steps(MPRG). Please note that the frequency of the first multipath
bandpass (MPF) must be set to 19kHz! The attack- and decay-times can be set by the
external capacitor value and the multipath detector charge current MPCC.
4.3.4
Quality detector
The TDA7540N offers a quality detector output, which gives a voltage representing the FM-
reception conditions. To calculate this voltage the MPX-noise and the multipath-detector
output are summed according to the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com