Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 12Page - STMicroelectronics TDA7540N Datasheet HTML 13Page - STMicroelectronics TDA7540N Datasheet HTML 14Page - STMicroelectronics TDA7540N Datasheet HTML 15Page - STMicroelectronics TDA7540N Datasheet HTML 16Page - STMicroelectronics TDA7540N Datasheet HTML 17Page - STMicroelectronics TDA7540N Datasheet HTML 18Page - STMicroelectronics TDA7540N Datasheet HTML 19Page - STMicroelectronics TDA7540N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
Electrical specifications
TDA7540N
16/76
Adjacent channel ISS filter threshold
VNTH
Internal low threshold
ACNTH
0
V
VNTH
Internal high threshold
ACNTH
0.24
0.3
0.36
V
VWTH
Internal low threshold
ACWTH
0.2
0.25
0.3
V
VWTH
Internal high threshold
ACWTH
0.76
0.95
1.14
V
Multipath threshold
VTHMP
Internal low threshold
MPTH
0.40
0.50
0.60
V
VTHMP
Internal high threshold
MPTH
1.0
1.25
1.5
V
ISS filter time constant
I27,I28
Charge current low mid
TISS, ISSCTL = 1
-96
-74
-54
μA
I27,I28
Charge current high mid
TISS, ISSCTL = 1
-60
μA
I27,I28
Charge current low narrow
TISS, ISSCTL = 1
-165
-124
-87
μA
I27,I28
Charge current high narrow
TISS, ISSCTL = 1
-110
μA
I27,I28
Discharge current low
TISS, ISSCTL = 0
-0.4
1
2.0
μA
I27,I28
Discharge current high
TISS, ISSCTL = 0
10
15
20
μA
V27,V28
Low voltage
ISSCTL = 0
0.1
0.2
V
V27,V28
High voltage
ISSCTL = 1
4.6
4.9
V
ISS filter switch threshold
V27,V28
Threshold ISS on
ISSCTL = 0
3
V
V27,V28
Threshold ISS off
ISSCTL = 0
1
V
V27,V28
Threshold ISS narrow on
ISSCTL = 0
4
V
V27,V28
Threshold ISS narrow off
ISSCTL = 0
2
V
I3
Charge current low
TDEV
-20
-32
-40
μA
I3
Charge current high
TDEV
-30
-39
-48
μA
I3
Discharge current low
TDEV
0.5
1
1.5
μA
I3
Discharge current high
TDEV
5.5
8
10.5
μA
DEVWTH
Internal low threshold
DWTH
30
kHz
DEVWTH
Internal high threshold
DWTH
75
kHz
RATIOmin
Referred to threshold
DTH
1
RATIOmax
Referred to threshold
DTH
1.5
Table 6.
FM section electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com