Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 31Page - STMicroelectronics TDA7540N Datasheet HTML 32Page - STMicroelectronics TDA7540N Datasheet HTML 33Page - STMicroelectronics TDA7540N Datasheet HTML 34Page - STMicroelectronics TDA7540N Datasheet HTML 35Page - STMicroelectronics TDA7540N Datasheet HTML 36Page - STMicroelectronics TDA7540N Datasheet HTML 37Page - STMicroelectronics TDA7540N Datasheet HTML 38Page - STMicroelectronics TDA7540N Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
TDA7540N
Functional description
35/76
Frequency generation for phase comparison
The RF signals applies a two modulus counter (32/33) pre-scaler, which is controlled by a 5-
bit A-divider. The 5-bit register (PC0 to PC4) controls this divider. In parallel the output of the
prescaler connects to an 11-bit B-divider. The 11-bit PC register (PC5 to PC15) controls this
divider
Dividing range behind VCO divider:
fVCOdiv = [33 x A + (B + 1 - A) x 32] x fREF
fVCOdiv = (32 x B + A + 32) x fREF
Important: For correct operation: A ≤ 32; B ≥ A
Three state phase comparator
The phase comparator generates a phase error signal according to phase difference
between fSYN and fREF. This phase error signal drives the charge pump current generator.
Charge pump current generator
This system generators signed pulses of current. The phase error signal decides the
duration and polarity of those pulses. The current absolute values are programmable by A
register for high current and B register for low current.
Inlock detector
Switching the chargepump in low current mode can be done either via software or
automatically by the inlock detector, by setting bit LDENA to "1".
After reaching a phase difference about lower than 40nsec the chargepump is forced in low
current mode. A new PLL divider alternation by I2C-Bus will switch the chargepump in the
high current mode.
Low noise CMOS op-amp
An internal voltage divider at pin VREF2 connects the positive input of the low noise op-
amp. The charge pump output connects the negative input. This internal amplifier in
cooperation with external components can provide an active filter. The negative input is
switchable to three input pins, to increase the flexibility in application. This feature allows two
separate active filters for different applications.
While the high current mode is activated LPHC output is switched on.
4.4.2
IF counter block
The aim of IF counter is to measure the intermediate frequency of the tuner for AM and FM
mode. The input signal for FM and AM upconversion is the same 10.7MHz IF level after
limiter. AM 450KHz signal is coming from narrow filtered IF2 before demodulation. A switch
controlled by IF counter mode (IFCM) is choosing the input signal for IF counter.
The grade of integration is adjustable by eight different measuring cycle times. The
tolerance of the accepted count value is adjustable, to reach an optimum compromise for
search speed and precision of the evaluation.
The IF-counter mode
The IF counter works in 3 modes controlled by IFCM register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com