Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 9Page - STMicroelectronics TDA7540N Datasheet HTML 10Page - STMicroelectronics TDA7540N Datasheet HTML 11Page - STMicroelectronics TDA7540N Datasheet HTML 12Page - STMicroelectronics TDA7540N Datasheet HTML 13Page - STMicroelectronics TDA7540N Datasheet HTML 14Page - STMicroelectronics TDA7540N Datasheet HTML 15Page - STMicroelectronics TDA7540N Datasheet HTML 16Page - STMicroelectronics TDA7540N Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
TDA7540N
Electrical specifications
13/76
V22
Startpoint KAGC
KAGC = max,
V9-11 = 0mVRMS,
Δf
IF=300KHz
fIF1 generates FS level at V22
2.2
V
Δ
Control range KAGC
ΔV
22= +0.8V
16
dB
RIN
Input resistance
10
13
16
k
Ω
CIN
Input capacitance
2.5
pF
AGC time constant output
V16
Max. AGC output voltage
V9-11 = 0mVRMS
VREF1
+VBE
V
V16
Min. AGC output voltage
V9-11 = 50mVRMS
0.5
V
I16
Min. AGC charge current
V9-11 = 0mVRMS,V16 = 2.5V
-16.5
-12.5
-8.5
μA
I16
Max. AGC discharge current
V9-11 = 50mVRMS,V16 = 2.5V
0.8
1.25
1.68
mA
AGC pin diode driver output
I8
AGC OUT, current min.
V9-11 = 0mVRMS, V8 = 2.5V
12
μA
I8
AGC OUT, current max.
V9-11 = 50 mVRMS, V8 = 2.5V
-22
-17
-12
mA
I/Q Mixer1 (10.7MHz)
RIN
Input resistance
differential
10
k
Ω
CIN
Input capacitance
differential
4
pF
ROUT
Output resistance
differential
100
k
Ω
V9,11
Input DC bias
2.2
2.5
2.8
V
gm
Conversion
transconductance
17
ms
F
Noise figure
400
Ω generator resistance
3
dB
CP1dB
1dB compression point
referred to diff. mixer input
100
dB
μV
IIP3
3rd order intermodulation
122
dB
μV
IQP
I/Q phase adjust
PH
-7
+8
°
IRR
Image rejection ratio
ratio wanted/image
30
40
dB
IRR
Image rejection ratio
with phase adjust
40
46
dB
IF1 Amplifier1 +2 (10.7MHz)
G2
Gain
5
6
7
dB
G1min
Min. gain
IFG1
7.5
9
10.5
dB
G1max
Max. gain
IFG1
16
18
20
dB
Table 6.
FM section electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com