Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 21Page - STMicroelectronics TDA7540N Datasheet HTML 22Page - STMicroelectronics TDA7540N Datasheet HTML 23Page - STMicroelectronics TDA7540N Datasheet HTML 24Page - STMicroelectronics TDA7540N Datasheet HTML 25Page - STMicroelectronics TDA7540N Datasheet HTML 26Page - STMicroelectronics TDA7540N Datasheet HTML 27Page - STMicroelectronics TDA7540N Datasheet HTML 28Page - STMicroelectronics TDA7540N Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
TDA7540N
Electrical specifications
25/76
3.3.5
PLL Section
Table 9.
PLL electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev. = 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Output of tuning voltages (TV1,TV2)
VOUT
Output voltage
TVO
0.5
VCC3-0.5
V
ROUT
Output impedance
TVMODE=0
32
40
48
k
Ω
ROUT
Output impedance
TVMODE=1
16
20
24
k
Ω
Xtal reference oscillator
fLO
Reference frequency
CLoad = 15pF
10.25
MHz
CStep
Min. cap step
XTAL
0.75
pF
Cmax
Max. cap
XTAL
23.25
pF
Δf/f
Deviation versus VCC2
ΔVCC2 = 1V
1.5
ppm/V
Δf/f
Deviation versus temp
-40°C < T < +85°C
0.2
ppm/K
Loop filter input/output
-IIN
Input leakage current
VIN = GND, PDOUT = Tristate
-0.1
0.1
μA
IIN
Input leakage current
VIN = VREF1
PDOUT = Tristate
-0.1
0.1
μA
VOL
Output voltage Low
IOUT = -0.2mA
0.05
0.5
V
VOH
Output voltage High
IOUT = 0.2mA
VCC3-
0.5
VCC3-
0.05
V
IOUT
Output current, sink
VOUT = 1V to VCC3-1V
10
mA
IOUT
Output current, source
VOUT = 1V to VCC3-1V
-10
mA
Voltage controlled oscillator (VCO)
fVCOmin
Minimum VCO frequency
50
MHz
fVCOmax
Maximum VCO frequency
260
MHz
C/N
Carrier to Noise
fVCO= 200MHz, Δf=1KHz,
B=1Hz, closed loop
80
dBc
SSTOP, INLOCK, ISSSTATUS outputs (open collector)
V
Output voltage low
I = -200μA0.2
0.5
V
V
Output voltage high
5
V
-I
Output leakage current
V = 5V
-0.1
0.1
μA
I
Output current, sink
V = 0.5V-5V
1
mA
Switching outputs S1, S2 (open collector SMODE=1)
V
Output voltage low
I = -5mA
0.2
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com