Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 42Page - STMicroelectronics TDA7540N Datasheet HTML 43Page - STMicroelectronics TDA7540N Datasheet HTML 44Page - STMicroelectronics TDA7540N Datasheet HTML 45Page - STMicroelectronics TDA7540N Datasheet HTML 46Page - STMicroelectronics TDA7540N Datasheet HTML 47Page - STMicroelectronics TDA7540N Datasheet HTML 48Page - STMicroelectronics TDA7540N Datasheet HTML 49Page - STMicroelectronics TDA7540N Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
Software specification
TDA7540N
46/76
Swallow mode: fVCO/fSYN = LSB + MSB + 32
Table 14.
Addr 1 PLL counter 1 (LSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00000000
LSB = 0
00000001
LSB = 1
00000010
LSB = 2
-----
---
-
11111100
LSB = 252
11111101
LSB = 253
11111110
LSB = 254
11111111
LSB = 255
Table 15.
Addr 2 PLL counter 2 (MSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00000000
MSB = 0
00000001
MSB = 256
00000010
MSB = 512
-----
---
-
11111100
MSB = 64768
11111101
MSB = 65024
11111110
MSB = 65280
11111111
MSB = 65536
Table 16.
Addr 3,4 TV1,2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000000
Tuning Voltage Offset = 0
0000001
TVO = 25mV
0000010
TVO = 50mV
-----
---
-
1111111
TVO = 3175mV
0-TVO
1+TVO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com