Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 38Page - STMicroelectronics TDA7540N Datasheet HTML 39Page - STMicroelectronics TDA7540N Datasheet HTML 40Page - STMicroelectronics TDA7540N Datasheet HTML 41Page - STMicroelectronics TDA7540N Datasheet HTML 42Page - STMicroelectronics TDA7540N Datasheet HTML 43Page - STMicroelectronics TDA7540N Datasheet HTML 44Page - STMicroelectronics TDA7540N Datasheet HTML 45Page - STMicroelectronics TDA7540N Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
Software specification
TDA7540N
42/76
IF1T
FM/AM mixer1 tank adjust
IF2T
AM mixer2 tank adjust
IFAGC
FM IF AGC
IFCM
IF counter mode
IFENA
IF counter enable
IFG
IF1 amplifier gain (10.7MHz)
IFS
IF counter sampling time
ISSIN
Test input for ISS filter
ISSON
ISS filter “ON”
ISS30
ISS filter 30KHz weather band
ISS80
ISS filter narrow/mid switch
KAGC
FM keying AGC
LDENA
Lock detector enable
LG
Level gain adjust in stereodecoder
LM
Local mode FM seek stop
LPF
Loop filter input select
MAXHC
Maximum high cut
MENA
Softmute enable
MPAC
Adjacent channel control by multipath
MPCC
Multipath detector charge current
MPBPG
Multipath detector bandpass filter gain
MPF
Multipath filter frequency
MPG
Multipath filter gain
MPION
Multipath internal influence enable
MPOFF
Multipath control “OFF”
MPPC
Multipath influence on peak discharge current
MPRG
Multipath detector rectifier gain
MPTH
Multipath threshold
MS
Mono/Stereo switch automatically
MUXST
Test multiplexer output stereodecoder
NBCTH
Noise blanker noise controlled threshold
NBDTH
Noise blanker deviation controlled threshold
NBFS
Field strength controlled noise blanker
NBFT
AM noise blanker fixed threshold
NBLTH
Noise blanker low threshold
Table 11.
Control register function (continued)
Register Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com