Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 74 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 74 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 68Page - STMicroelectronics TDA7540N Datasheet HTML 69Page - STMicroelectronics TDA7540N Datasheet HTML 70Page - STMicroelectronics TDA7540N Datasheet HTML 71Page - STMicroelectronics TDA7540N Datasheet HTML 72Page - STMicroelectronics TDA7540N Datasheet HTML 73Page - STMicroelectronics TDA7540N Datasheet HTML 74Page - STMicroelectronics TDA7540N Datasheet HTML 75Page - STMicroelectronics TDA7540N Datasheet HTML 76Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
Package information
TDA7540N
74/76
10
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 19. LQFP80 (14x14x1.40mm) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.600
0.0630
A1
0.050
0.150 0.0020
0.0059
A2
1.350
1.400
1.450 0.0531 0.0551 0.0571
b
0.220
0.320
0.380 0.0087 0.0126 0.0150
c
0.090
0.200 0.0035
0.0079
D
15.800 16.000 16.200 0.6220 0.6299 0.6378
D1
13.800 14.000 14.200 0.5433 0.5512 0.5591
D3
12.350
0.4862
E
15.800 16.000 16.200 0.6220 0.6299 0.6378
E1
13.800 14.000 14.200 0.5433 0.5512 0.5591
E3
12.350
0.4862
e
0.650
0.0256
L
0.450
0.600
0.750 0.0177 0.0236 0.0295
L1
1.000
0.0394
k
0˚ (min.); 3.5˚ (typ,); 7˚ (max.)
ccc
0.100
0.0039
LQFP80 (14x14x1.40mm)
Low profile Quad Flat Package
0062342 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com