Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 18Page - STMicroelectronics TDA7540N Datasheet HTML 19Page - STMicroelectronics TDA7540N Datasheet HTML 20Page - STMicroelectronics TDA7540N Datasheet HTML 21Page - STMicroelectronics TDA7540N Datasheet HTML 22Page - STMicroelectronics TDA7540N Datasheet HTML 23Page - STMicroelectronics TDA7540N Datasheet HTML 24Page - STMicroelectronics TDA7540N Datasheet HTML 25Page - STMicroelectronics TDA7540N Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
Electrical specifications
TDA7540N
22/76
V
PEAK
Peak voltage
NBRR = 00, VMPX=0mV
0.5
0.8
1.0
V
VPEAK
Peak voltage
VMPX=50mV, f=150kHz
1.6
1.9
2.1
V
VPEAK
Peak voltage
VMPX=200mV, f=150kHz
2.2
2.5
2.7
V
VPEAKDEV
Min. deviation dependent
peak voltage
VMPX=500mV, NBDTH = 11
0.5
0.8 (off)
1.0
VOP
VPEAKDEV
Max. deviation dependent
peak voltage
VMPX=500mV, NBDTH= 00
1.7
2.0
2.2
VOP
VPEAKFS
Min. fieldstrength controlled
peak voltage
VMPX=0mV, VLEVEL<< VSBL
(fully mono), NBFS = 11
0.5
0.8 (off)
1.0
V
VPEAKFS
Max. fieldstrength controlled
peak voltage
VMPX=0mV, VLEVEL<< VSBL
(fully mono), NBFS = 00
1.7
2.0
2.2
V
TS
Min. blanking time
Signal HOLDN in testmode,
NBT
22
μs
TS
Max. blanking time
Signal HOLDN in testmode,
NBT
38
μs
SRPEAK
Noise rectifier charge
Signal PEAK in testmode,
NBPC=0
10
mV/
μs
SRPEAK
Noise rectifier charge
Signal PEAK in testmode,
NBPC=1
20
mV/
μs
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=00, NBSMP=0,
MPPC=0
0.3
V/ms
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=01, NBSMP=0,
MPPC=0
0.8
V/ms
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=10, NBSMP=0,
MPPC=0
1.3
V/ms
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=11, NBSMP=0,
MPPC=0
2.0
V/ms
VADJMP
Noise rectifier adjustment by
multipath
Signal PEAK in testmode,
VMPTC=1V, NBSMP=0,
MPPC=1, NBRR=01
2.5
V/ms
VADJMP
Noise rectifier adjustment by
strong multipath influence
Signal PEAK in testmode,
VMPTC=1V,, NBSMP=1,
MPPC=0, NBRR=01
3.3
V/ms
VADJMP
Noise rectifier adjustment by
multipath and strong multipath
influence
Signal PEAK in testmode,
VMPTC=1V,, NBSMP=1,
MPPC=1A, NBRR=01
4.5
V/ms
Table 8.
Stereodecoder electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrms mono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com