Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 44Page - STMicroelectronics TDA7540N Datasheet HTML 45Page - STMicroelectronics TDA7540N Datasheet HTML 46Page - STMicroelectronics TDA7540N Datasheet HTML 47Page - STMicroelectronics TDA7540N Datasheet HTML 48Page - STMicroelectronics TDA7540N Datasheet HTML 49Page - STMicroelectronics TDA7540N Datasheet HTML 50Page - STMicroelectronics TDA7540N Datasheet HTML 51Page - STMicroelectronics TDA7540N Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
Software specification
TDA7540N
48/76
010
Not valid
011
Δf = 6.25kHz (FM)1kHz (AM) not recommended
100
Δf = 12.5kHz (FM) 2kHz (AM) not recommended
101
Δf = 25kHz (FM) 4kHz (AM)
110
Δf = 50kHz (FM) 8kHz (AM)
111
Δf = 100kHz (FM)16kHz (AM)
Table 18.
Addr 6 IF counter control 2 (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 19.
Addr 7 AM control
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Normal AGC time constant
1
Short time constant for AM seek stop
0
Multipath information available FM at PIN 24
1
AM stereo output available at PIN 24
0
0
Prescaler ratio 10
0
1
Prescaler ratio 8
1
0
Prescaler ratio 6
1
1
Prescaler ratio 4
0
0
Disable additional TV1, 2 offset
0
1
Enable additional TV1 offset +3.175V (for weather band)
1
0
Enable additional TV2 offset +3.175V (for weather band)
1
1
Enable additional TV1, 2 offset +3.175V (for weather band)
0
TV is tracking with PLL
1
TV is independing on PLL
0
Disable local mode
1
Enable local mode (PIN diode current = 0.5mA)
Table 20.
Addr 8 quality ISS filter
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
ISS filter control “ON” recommended
1
ISS filter control “OFF”
0
Switch ISS filter “OFF”
1
Switch ISS filter “ON”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com