Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 13Page - STMicroelectronics TDA7540N Datasheet HTML 14Page - STMicroelectronics TDA7540N Datasheet HTML 15Page - STMicroelectronics TDA7540N Datasheet HTML 16Page - STMicroelectronics TDA7540N Datasheet HTML 17Page - STMicroelectronics TDA7540N Datasheet HTML 18Page - STMicroelectronics TDA7540N Datasheet HTML 19Page - STMicroelectronics TDA7540N Datasheet HTML 20Page - STMicroelectronics TDA7540N Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
TDA7540N
Electrical specifications
17/76
3.3.3
AM section
Softmute
VANT
Upper startpoint
SMTH, SMD, SLOPE = 0
10
dB
μV
VANT
lower startpoint
SMTH, SMD, SLOPE = 0
3
dB
μV
aSMmin
Min. softmute depth
SMD, SLOPE = 0, SMTHUpper
18
dB
aSMmax
Max. softmute depth
SMD, SLOPE = 0, SMTHUpper
36
dB
aSMTHISS
Mute depth threshold for ISS
filter on
SMCTH
0.2
1
2
dB
VACTH
Internal AC mute threshold
ACM
60
340
mV
aSMAC
AC mute depth
ACMD
4
10
dB
I49
Charge current
-65
-47.5
-30
μA
I49
Discharge current
1.5
2.5
4.0
μA
S/N MPX
(S+N)/N
VANT = 60dBμV,
dev.= 40kHz,LP=15KHz
deemphasis t = 50μs
66
69
dB
Table 6.
FM section electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 7.
AM section electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, m= 30%, fMOD = 400kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Global
VANT_us
Usable sensitivity
(S+N)/N = 26 dB
25
19
dBµV
ΔV
ANT
IF2 AGC Range
Ref.: VINRF = 60dBμV,
50
52
dB
(S+N)/N
Signal to Noise Ratio
Ref.: VINRF = 60dBμV50
55
dB
aIF
IF rejection
Ref: VINRF = 60dBµV,
IF = 10.7MHz
70
80
dB
fAF
Frequency response
Ref.: VINRF = 60dBµV,
ΔVAF = -3 dB
3.6
kHz
THD
Total Harmonic Distortion
VINRF = 60dBµV, m = 0.8
m = 0.3
VINRF = 120dBµV, m = 0.8
m = 0.3
0.5
0.3
1.0
0.3
%
V53
AF output level
VINRF = 60dBµV
160
180
200
mVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com