Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 27Page - STMicroelectronics TDA7540N Datasheet HTML 28Page - STMicroelectronics TDA7540N Datasheet HTML 29Page - STMicroelectronics TDA7540N Datasheet HTML 30Page - STMicroelectronics TDA7540N Datasheet HTML 31Page - STMicroelectronics TDA7540N Datasheet HTML 32Page - STMicroelectronics TDA7540N Datasheet HTML 33Page - STMicroelectronics TDA7540N Datasheet HTML 34Page - STMicroelectronics TDA7540N Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
TDA7540N
Functional description
31/76
Stereoblend control
The stereoblend control block converts the internal LEVEL-voltage into a demodulator
compatible analog signal, which is used to control the channel separation between 0dB and
the maximum separation. Internally this control range has a fixed upper limit, which is the
internal reference voltage V
REF1. The lower limit can be programmed between 29 and 58% of
VREF1 in 4% steps (see Figure 6).
To adjust the external LEVEL-voltage to the internal range two values must be defined: the
LEVEL gain LG and VSBL. To adjust the voltage where the full channel separation is
reached (VST) the LEVEL gain LG has to be defined. The following equation can be used to
estimate the gain:
LG = VREF1/FSU@full stereo
The MONO-voltage VMO (0dB channel separation) can be chosen selecting VSBL.
Figure 6.
Relation between internal and external level-voltagees and setup of
stereoblend
The stereo blend function can be switched ON/OFF using bit Addr25<d2>. Please note that
in AM it must be switched in forced mono!
Highcut control
The highcut control set-up is similar to the stereoblend control set-up: the starting point
VHCH can be set with 2 bits to be 42, 50, 58 or 66% of VREF1 whereas the range can be set
to be 11, 18.3, 25.7 or 33% of VHCH (see Figure 7).
Figure 7.
Highcut characteristics
Lowpass
time constant
VHCL
VHCHFieldstrength
3 • Deemp
τ Deemp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com