Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 17Page - STMicroelectronics TDA7540N Datasheet HTML 18Page - STMicroelectronics TDA7540N Datasheet HTML 19Page - STMicroelectronics TDA7540N Datasheet HTML 20Page - STMicroelectronics TDA7540N Datasheet HTML 21Page - STMicroelectronics TDA7540N Datasheet HTML 22Page - STMicroelectronics TDA7540N Datasheet HTML 23Page - STMicroelectronics TDA7540N Datasheet HTML 24Page - STMicroelectronics TDA7540N Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
TDA7540N
Electrical specifications
21/76
VSBLmin
Min. voltage for mono
SBC
29
33
%VREF1
VSBLmax
Max. voltage for mono
SBC
54
58
%VREF1
VSBLstep
Step resolution
SBC
4.2
%VREF1
VHCHmin
Min. voltage for no highcut
VHCH
42
46
%VREF1
VHCHmax
Max. Voltage for no highcut
VHCH
61
66
%VREF1
VHCHstep
Step resolution
VHCH
8
%VREF1
VHCLmin
Min. voltage for full high cut
VHCL, MAXHC = 11
11
15
%VHCH
VHCLmax
Max. voltage for full high cut
VHCL, MAXHC = 11
31
33
%VHCH
VHCLstep
Step resolution
VHCL, MAXHC = 11
7.3
%VHCH
Carrier and harmonic suppression at the output
a19
Pilot signal f=19kHz
Vpilot = 50mVrms
50
dB
a38
Subcarrier f=38kHz
75
dB
a57
Subcarrier f=57kHz
62
dB
a76
Subcarrier f=76kHz
90
dB
Intermodulation(1)
a2
fmod=10kHz, fspur=1kHz
65
dB
a3
fmod=13kHz, fspur=1kHz
75
dB
Traffic radio(2)
a57
Signal f=57kHz
70
dB
SCA - Subsidiary communications authorization(3)
a67
Signal f=67kHz
75
dB
ACI - adjacent channel interference(4)
a114
Signal f=114kHz
95
dB
a190
Signal f=190kHz
84
dB
FM noise blanker
VTRMIN
Min. trigger threshold (5)
VPEAK=0.8V, NBLTH
147
mV
OP
VTRMAX
Max. trigger threshold (5)
VPEAK=0.8V, NBLTH
280
mV
OP
VTRSTEP
Trigger threshold step0)
19
mV
OP
V
TRNOISE
Min. noise controlled trigger
threshold(5)
VPEAK=1.5V, NBCTH
450
mV
OP
V
TRNOISE
Max. noise controlled
trigger threshold(5)
VPEAK=1.5V, NBCTH
1200
mV
OP
Table 8.
Stereodecoder electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrms mono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com