Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 10Page - STMicroelectronics TDA7540N Datasheet HTML 11Page - STMicroelectronics TDA7540N Datasheet HTML 12Page - STMicroelectronics TDA7540N Datasheet HTML 13Page - STMicroelectronics TDA7540N Datasheet HTML 14Page - STMicroelectronics TDA7540N Datasheet HTML 15Page - STMicroelectronics TDA7540N Datasheet HTML 16Page - STMicroelectronics TDA7540N Datasheet HTML 17Page - STMicroelectronics TDA7540N Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
Electrical specifications
TDA7540N
14/76
RIN
Input resistance
260
330
400
W
ROUT
Output resistance
260
330
400
W
CP1dB
1dB compression point
referred to 330
Ω input
105
dB
μV
IIP3
3rd order Intermodulation
ref. to 330
Ω input, 9dB gain
126
dB
μV
Mixer2 (450kHz)
RIN
Input impedance
260
330
400
Ω
V65
Max. input voltage
119
dB
μV
V65
Limiting sensitivity
S/N = 20dB
28
dB
μV
G
Mixer gain
18
dB
Limiter 1 (450kHz)
GLimiter
Gain
80
dB
Demodulator, audio output
THD
Dev.= 75kHz, V65= 10mVRMS
0.1
%
VMPX
MPX output signal
Dev.= 75kHz
400
500
600
mVRMS
ROUT
Output impedance
50
Ω
|
ΔV|
min
DC offset fine adjust
DEM, MENA=1
8.5
mV
|
ΔV|
max
DC offset fine adjust
DEM, MENA=1
264
mV
S/N
Dev.= 40kHz,V65 = 10mVRMS
76
dB
VMPXW
MPXW output signal
Dev.= 75kHz
280
350
420
mVRMS
Quality detection
S-meter, unweighted fieldstrength
V65
Min. input voltage MIX2
30
dB
μV
V22
Fieldstrength output
V65 = 20dBµV
0.1
V
V22
Fieldstrength output
V65 = 80dBµV, SMSL = 0
2.2
2.6
3.0
V
ΔV
22
Voltage per decade
SMSL = 0
0.8
1
1.2
V
ΔV
22
Voltage per decade
SMSL = 1
1.2
1.5
1.8
V
ΔV
22
S-meter offset
SL, SMSL=1
-15
15
dB
ROUT
Output impedance
280
400
520
Ω
TK
Coefficient temperature
0
ppm/K
Table 6.
FM section electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com