Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 62 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 62 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 58Page - STMicroelectronics TDA7540N Datasheet HTML 59Page - STMicroelectronics TDA7540N Datasheet HTML 60Page - STMicroelectronics TDA7540N Datasheet HTML 61Page - STMicroelectronics TDA7540N Datasheet HTML 62Page - STMicroelectronics TDA7540N Datasheet HTML 63Page - STMicroelectronics TDA7540N Datasheet HTML 64Page - STMicroelectronics TDA7540N Datasheet HTML 65Page - STMicroelectronics TDA7540N Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
Software specification
TDA7540N
62/76
0
1
0
Level gain 1.34dB
---
-
1
1
1
Level gain 4.7dB
0
AM audio filter “OFF”
1
AM audio filter “ON” (has to be set if AMNB is used !!)
Table 42.
Addr 30 stereodecoder 7 (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 43.
Addr 31 stereodecoder 8
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
Quality noise gain =6dB
0
1
Quality noise gain =9dB
1
0
Quality noise gain =12dB
1
1
Quality noise gain =15dB
0
Enable AFS PIN
1
Disable AFS PIN
0
AFS influence on stereodecoder mute
1
No AFS influence on stereodecoder mute
0
PD hold activation if AFS<Vth1
1
PD hold activation if AFS<Vth2
0/1
not valid
0/1
not valid
0
AM audio delay for noise blanking “OFF”
1
AM audio delay for noise blanking “ON”(has to be set if
AMNB is used !!)
Table 44.
Addr 32 stereodecoder 9
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Deemphasis shift (25/37.5µs)
1
Deemphasis no shift (50/75µs)
00000
AM corner frequency = 3.18kHz
00001
AM corner frequency = 3.10kHz
00010
AM corner frequency = 3.02kHz
-----
11101
AM corner frequency = 1.12kHz
11111
AM corner frequency = 1.06kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com