Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 32Page - STMicroelectronics TDA7540N Datasheet HTML 33Page - STMicroelectronics TDA7540N Datasheet HTML 34Page - STMicroelectronics TDA7540N Datasheet HTML 35Page - STMicroelectronics TDA7540N Datasheet HTML 36Page - STMicroelectronics TDA7540N Datasheet HTML 37Page - STMicroelectronics TDA7540N Datasheet HTML 38Page - STMicroelectronics TDA7540N Datasheet HTML 39Page - STMicroelectronics TDA7540N Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
Functional description
TDA7540N
36/76
Sampling timer
A sampling timer generates the gate signal for the main counter. The basically sampling
time are in FM mode 6.25kHz (tTIM=160μs) and in AM mode 1kHz (tTIM=1ms). This is
followed by an asynchronous divider to generate several sampling times.
Intermediate frequency main counter
This counter is a 11 - 21-bit synchronous autoreload down counter. Five bits (CF) are
programmable to have the possibility for an adjust to the centre frequency of the IF-filter.
The counter length is automatic adjusted to the chosen sampling time and the counter mode
(FM, AM-UPC, AM).
At the start the counter will be loaded with a defined value which is an equivalent to the
divider value (tSample xfIF).
If a correct frequency is applied to the IF counter frequency input at the end of the sampling
time the main counter is changing its state from 0h to 1FFFFFh.
This is detected by a control logic and an external search stop output is changing from LOW
to HIGH. The frequency range inside which a successful count result is adjustable by the
EW bits.
tCNT = (CF + 1696+1) / fIF
FM mode
tCNT = (CF + 10688+1) / fIF
AM up conversion mode
tCNT = (CF + 488+1) / fIF
AM mode
Counter result succeeded:
tTIM ≥ tCNT - tERR
tTIM ≤ tCNT + tERR
Counter result failed:
tTIM > tCNT + tERR
tTIM < tCNT - tERR
tTIM = IF timer cycle time (sampling time)
tCNT = IF counter cycle time
tERR = discrimination window (controlled by the EW registers)
The IF counter is only started by inlock information from the PLL part. It is enabled by
software (IFENA).
Adjustment of the measurement sequence time
The precision of the measurements is adjustable by controlling the discrimination window.
This is adjustable by programming the control registers EW.
The measurement time per cycle is adjustable by setting the registers IFS.
Adjust of the frequency value
The center frequency of the discrimination window is adjustable by the control registers CF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com