Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 11Page - STMicroelectronics TDA7540N Datasheet HTML 12Page - STMicroelectronics TDA7540N Datasheet HTML 13Page - STMicroelectronics TDA7540N Datasheet HTML 14Page - STMicroelectronics TDA7540N Datasheet HTML 15Page - STMicroelectronics TDA7540N Datasheet HTML 16Page - STMicroelectronics TDA7540N Datasheet HTML 17Page - STMicroelectronics TDA7540N Datasheet HTML 18Page - STMicroelectronics TDA7540N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
TDA7540N
Electrical specifications
15/76
Adjacent channel gain
Gmin
Gain minimum
ACG=0
32
dB
Gmax
Gain maximum
ACG=1
38
dB
Adjacent channel filter
fHP
-3dB frequency highpass
ACF=0
100
kHz
fBP
Centre frequency
ACF=1
100
kHz
f-20dB
Attenuation 20dB
70
kHz
Adjacent channel output
V23
Output voltage low
0.1
V
V23
Output voltage high
4.9
V
ROUT
Output resistance
3.5
4.5
5.5
k
Ω
Multipath channel gain
Gmin
Gain minimum
MPG=0
12
dB
Gmax
Gain maximum
MPG=1
23
dB
Multipath bandpass filter
fBP19
Centre frequency
MPF=0
19
kHz
fBP31
Centre frequency
MPF=1
31
kHz
Q
Quality factor
5
8
10
Multipath output
V24
Output voltage low
0.1
V
V24
Output voltage high
4.9
V
ROUT
Output resistance
3
k
Ω
ISS (intelligent Selectivity System)
Filter 450kHz
fcentre
Centre frequency
fREF_intern = 450kHz
450
kHz
BW 3dB
Bandwidth, -3dB
ISS80 = 1
70
80
90
kHz
BW 20dB
Bandwidth, -20dB
ISS80 = 1
132
150
168
kHz
BW 3dB
Bandwidth, -3dB
ISS80 = 0
106
120
135
kHz
BW 20dB
Bandwidth, -20dB
ISS80 = 0
220
250
280
kHz
BW 3dB
Bandwidth weather band
ISS30 = 1
20
30
40
kHz
BW 20dB
-20dB weather band
ISS30 = 1
56
80
104
kHz
Table 6.
FM section electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com