Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 8Page - STMicroelectronics TDA7540N Datasheet HTML 9Page - STMicroelectronics TDA7540N Datasheet HTML 10Page - STMicroelectronics TDA7540N Datasheet HTML 11Page - STMicroelectronics TDA7540N Datasheet HTML 12Page - STMicroelectronics TDA7540N Datasheet HTML 13Page - STMicroelectronics TDA7540N Datasheet HTML 14Page - STMicroelectronics TDA7540N Datasheet HTML 15Page - STMicroelectronics TDA7540N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Electrical specifications
TDA7540N
12/76
3.3.2
FM section
ICC3
Supply current
2
3
mA
ICCVCO
Supply current
8
10
mA
ICCMIX1
Supply current
FM ON
8
10
mA
ICCMIX1
Supply current
AM ON
7
8.5
mA
ICCMIX2
Supply current
AM ON
7
8.5
mA
ICCIF1
Supply current
5
6.5
mA
ICCST
Supply current
12
13.5
mA
Reference voltages
VREF1
Internal reference voltage
IREF1 = 0mA
4.8
5
5.2
V
VREF2
Internal reference voltage
IREF2 = 0mA
2.4
2.5
2.6
V
I2C-Bus interface
fSCL
Clock frequency
400
kHz
VIL
Input low voltage
1
V
VIH
Input high voltage
3
5
V
IIN
Input current
-5
5
μA
VO
Output acknowledge voltage
IO = 1.6mA
0.4
V
Table 5.
Globals electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 =8.5V,
fXtal = 10.25MHz, in application circuit, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 6.
FM section electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Wide band RF AGC
V9-11
Lower threshold start
V16 = 2.5V
83
85
87
dB
μV
V9-11
Upper threshold start
V16 = 2.5V
94
96
98
dB
μV
Narrow band IF & keying AGC
V77
Lower threshold start
KAGC = off, V9-11 = 0mVRMS
84
86
88
dB
μV
V77
Upper threshold start
KAGC = off, V9-11 = 0mVRMS
96
98
100
dB
μV
V77
Lower threshold start with
KAGC
KAGC = max,
V9-11 = 0mVRMS,
Δf
IF=300KHz
96
98
100
dB
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com