Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540N Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 7Page - STMicroelectronics TDA7540N Datasheet HTML 8Page - STMicroelectronics TDA7540N Datasheet HTML 9Page - STMicroelectronics TDA7540N Datasheet HTML 10Page - STMicroelectronics TDA7540N Datasheet HTML 11Page - STMicroelectronics TDA7540N Datasheet HTML 12Page - STMicroelectronics TDA7540N Datasheet HTML 13Page - STMicroelectronics TDA7540N Datasheet HTML 14Page - STMicroelectronics TDA7540N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
TDA7540N
Electrical specifications
11/76
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
3.3.1
Globals
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Units
VS
Supply voltage
9.5
V
Tamb
Ambient temperature
-40 to 85
°C
Tstg
Storage temperature
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-amb)
Thermal resistance junction to ambient
Max.
55
°C/W
Table 5.
Globals electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 =8.5V,
fXtal = 10.25MHz, in application circuit, unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply
VCC1
Digital supply voltage
7.7
8.5
9
V
VCC2
Analog supply voltage
7.7
8.5
9
V
VCC3
Analog tuning voltage
7.7
8.5
9
V
VCCVCO
VCO supply voltage
7.7
8.5
9
V
VCCMIX1
MIX1 supply voltage
7.7
8.5
9
V
VCCMIX2
MIX2 supply voltage
7.7
8.5
9
V
VCCIF1
IF1 supply voltage
7.7
8.5
9
V
VCCST
Stereo supply voltage
7.7
8.5
9
V
ICC1
Supply current
FM ON
10
12
mA
ICC1
Supply current
AM ON
10
12
mA
ICC2
Supply current
FM ON / VCO:3
65
78
mA
ICC2
Supply current
AM ON
75
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com