Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 3Page - STMicroelectronics STLS2F01 Datasheet HTML 4Page - STMicroelectronics STLS2F01 Datasheet HTML 5Page - STMicroelectronics STLS2F01 Datasheet HTML 6Page - STMicroelectronics STLS2F01 Datasheet HTML 7Page - STMicroelectronics STLS2F01 Datasheet HTML 8Page - STMicroelectronics STLS2F01 Datasheet HTML 9Page - STMicroelectronics STLS2F01 Datasheet HTML 10Page - STMicroelectronics STLS2F01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
STLS2F01
Introduction
7/48
The instruction pipeline allows to fetch and code four instructions per cycle and dynamically
issue the decoded instructions to five fully pipe lined function components.
The STLS2F01 uses out-of-order execution and aggressive memory hierarchy design to
maximize pipeline efficiency.
Out-of-order execution is accomplished with a combination of register renaming, dynamic
scheduling, and branch prediction techniques. The result is fewer pipeline stalls caused by
WAR (write after read) and WAW (write after write) hazards, RAW (read after write) hazards,
and control hazards. The STLS2F01 has a 64-entry physical register file for fixed- and
floating-point register renaming, a 16-entry fixed-point reservation station, and a 16-entry
floating-point reservation station that is responsible for out-of-order instruction issuing. A 64-
entry ROQ (reorder queue) ensures that out-of-order executed instructions are committed in
the program order. For precise branch prediction, a 16-entry branch target buffer (BTB), a
4K-entry branch history table (BHT), a 9-bit global history register (GHR), and a 4-entry
return address stack (RAS) are used to record branch history information.
The STLS2F01 memory hierarchy is also engineered for high performance. There is a
64 Kbyte instruction cache, a 64 Kbyte data cache, and a 512 Kbyte level-two cache. All
four-way set associative. The on-chip DDR memory allows the STLS2F01 to achieve high
memory bandwidth with low latency. The fully associative translation lookaside buffer (TLB)
has 64 entries, each mapping an odd and even page. A 24-entry memory access queue
contains a content-addressable memory for dynamic memory disambiguation and allows
the STLS2F01 to implement out-of-order memory access, non-blocking cache, load
speculation, and store forwarding.
The STLS2F01 has two fixed-point functional units, two floating-point functional units, and
one memory access unit. The floating-point units can also execute 32- or 64-bit fixed-point
instructions and 8- or 16-bit SIMD fixed-point instructions through extension of the fmt field
of the floating-point instructions. The SIMD unit extends the STLS2E02 with new XX SSE2
type instructions.
The basic pipeline stages of the STLS2F01 include instruction fetch, pre-decode, decode,
register rename, dispatch, issue, register read, execution, and commit.
The STLS2F01 device is manufactured in ST 90 nm CMOS technology.
The STLS2F01 is an evolution of the STLS2E02 with enhanced I/O and memory accessing
bandwidth and a software working frequency changing scheme.
The STLS2F01 has a standard 32-bit PCI/PCI-X interface, a standard 64-bit DDR2
interface, an 8/16-bit local I/O interface, a 4-bit GPIO interface.
The STLS2F01 achieves a higher memory access bandwidth by utilizing a 64-bit DDR2
memory controller.
Compared to its predecessor, the STLS2F01 provides better power management ability by
using a software manageable working frequency changing scheme. The operating system
can utilize this feature to change the processor frequency according to the workload.
The STLS2F01 integrates a video accelerate module in its write data path to the PCI/PCI-X
controller. Coupled with software drivers, the video accelerate module can transfer YUV
format video data to RGB format and zoom automatically. This greatly reduces the
processor's workload when the system utilizes a simple VGA controller.
The cores are centered on 2x2 AXI cross bar with 128-bit width data bus. The CPU core and
PCI/PCI-X slave takes up two master ports, DDR2 controller one slave port, and all other
modules including the PCI/PCI-X master share one slave port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com