Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 12Page - STMicroelectronics STLS2F01 Datasheet HTML 13Page - STMicroelectronics STLS2F01 Datasheet HTML 14Page - STMicroelectronics STLS2F01 Datasheet HTML 15Page - STMicroelectronics STLS2F01 Datasheet HTML 16Page - STMicroelectronics STLS2F01 Datasheet HTML 17Page - STMicroelectronics STLS2F01 Datasheet HTML 18Page - STMicroelectronics STLS2F01 Datasheet HTML 19Page - STMicroelectronics STLS2F01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Interface description
STLS2F01
16/48
2.10
Supply and ground
See Table 11 for supply and GND signals at the STLS2F01.
Table 11.
Supply and GND signals
Name
Input/output
Description
vdd
PWR
1.2 V CPU core voltage
gnd
GND
1.2 V CPU core ground
Vdde1v8
PWR
1.8 V DDR2 power supply
gnde
GND
1.8 V DDR2 and 3.3V I/O ground
Vdde3v3
PWR
3.3 V IO power supply
DDR2_VREF
I
0.9 V DDR reference voltage input
pll_vdd_1
PWR
1.0 V PLL 1 digital power supply
pll_gnd_1
GND
1.0V PLL 1 digital ground
pll_vdd_0
PWR
1.0V PLL 0 digital power supply
pll_gnd_0
GND
1.0V PLL 0 digital ground
Pllio_vdde1v8
PWR
1.8V PLL I/O power supply
pllio_gnde
GND
1.8V PLL I/O ground
pllio_vdd
PWR
1.2V PLL I/O power Supply
pllio_gnd
GND
1.2V PLL I/O ground
Pll_vdde1v8_1
PWR
1.8V PLL 1 analog power supply
Pll_gnde_1
GND
1.8V PLL 1 analog ground
Pll_vdde1v8_0
PWR
1.8V PLL 0 analog power supply
Pll_gnde_0
GND
1.8V PLL 0 analog ground
comp1v8_gnd
GND
Compensation reference current ground
comp1v8_resistor
I
Compensation external resistor input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com