Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 8Page - STMicroelectronics STLS2F01 Datasheet HTML 9Page - STMicroelectronics STLS2F01 Datasheet HTML 10Page - STMicroelectronics STLS2F01 Datasheet HTML 11Page - STMicroelectronics STLS2F01 Datasheet HTML 12Page - STMicroelectronics STLS2F01 Datasheet HTML 13Page - STMicroelectronics STLS2F01 Datasheet HTML 14Page - STMicroelectronics STLS2F01 Datasheet HTML 15Page - STMicroelectronics STLS2F01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Interface description
STLS2F01
12/48
2.5
Initialization signals
Table 5 provides the names, definitions, and directions and descriptions of the initialization
signals.
The STLS2F01 processor includes two reset signals: SYSRESETn and PCI_RESETn.
SYSRESETn: This reset signal is the only way to reset whole STLS2F01 processor.
SYSCLK and MEMCLK must provide stable clock when SYSRESETn is valid. The
width of SYSRESETn should be more than one clock period. Internal reset-control
begins to reset internal logic when reset signal is invalid. The internal reset will be
finished after 64K SYSCLK cycle. Then reset exception vector could be executed
PCI_RESETn: This signal works as output when the processor works as a system
main bridge. And the reset of PCI-X devices in the system must be controlled by the
signal. When the processor works as PCI/PCI-X devices used in other system, the
signal works as input to reset the PCI interface of processor. (Note: Resetting PCI
interface when process is running may cause the processor stop working)
PCI_CONFIG: defines the mode of working of the processor interface. It must keep stable
during system reset, so that software could read this value from internal register after
system started. The PCI address of the first instruction is 0x1fc00000 when system starting
from PCI is configured. Otherwise the first instruction will be fetched from address 0 of Local
Bus ROM.
Table 5.
Initialization interface signals
Name
Input/output
Description
SYSRESETn
I
System reset. Low state of the signal must be maintained
more than one SYSCLK period. It can be asynchronous
to SYSCLK.
PCI_RESETn
I/O
PCI interface reset.
PCI_CONFIG
I
PCI Configuration
7
undefined
6:5 PCI-X bus speed selection
4 PCI-X bus mode
3
Master mode
2
Start from PCI
1
External PCI arbitration
0
16-bit starting ROM
Note:
6
5
4
PCI-X BUS mode
00
0
PCI 33/66
01
1
PCI-X 66
10
1
PCI-X 100
11
1
PCI-X 133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com