Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 36Page - STMicroelectronics STLS2F01 Datasheet HTML 37Page - STMicroelectronics STLS2F01 Datasheet HTML 38Page - STMicroelectronics STLS2F01 Datasheet HTML 39Page - STMicroelectronics STLS2F01 Datasheet HTML 40Page - STMicroelectronics STLS2F01 Datasheet HTML 41Page - STMicroelectronics STLS2F01 Datasheet HTML 42Page - STMicroelectronics STLS2F01 Datasheet HTML 43Page - STMicroelectronics STLS2F01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Electrical characteristics
STLS2F01
40/48
Table 19.
Input setup and hold time
(Test Conditions: SYSCLK=100 MHz, PCICLK=66 MHz, CoreClk=1000 MHz)
Parameter
Min
Tpy
Max
Unit
PCI_* Signals Setup Time
3.0
ns
PCI_* Signals Hold Time
0.0
ns
LIO_* Signals Setup Time
3.0
ns
LIO_* Signals Hold Time
0.0
ns
Table 20.
Output delay time
(Test Conditions: SYSCLK=100 MHz, PCICLK=133 MHz, CoreClk=1000 MHz)
Parameter
Min
Typ
Max
Unit
PCI_* Signals Effective Delay
0.7
3.8
ns
LIO_* Signals Effective Delay
1.5
6.0
ns
DDDR2_A*/RAS*/CAS*/WE*/CS*/CKE*/ODT*
Signals Effective Delay
1.5
ns
DDR2_DQ*/DQM* Effective Delay
0.75
ns
Table 21.
JTAG parameters
(Test Condition: TCK = 100 MHz)
Parameter
Min
Typ
Max
Unit
TCK high level time
2
5
8
ns
TCK low level time
2
8
ns
TCK rising time
1
1
ns
TCK falling time
1
1
ns
TRST pulse width
10
ns
TDI,TMS setup time
3.5
4.4
ns
TDI,TMS hold time
2.5
5.5
ns
TDO output effective delay
1.28
ns
TDO output disable delay
1.28
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com