Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 26Page - STMicroelectronics STLS2F01 Datasheet HTML 27Page - STMicroelectronics STLS2F01 Datasheet HTML 28Page - STMicroelectronics STLS2F01 Datasheet HTML 29Page - STMicroelectronics STLS2F01 Datasheet HTML 30Page - STMicroelectronics STLS2F01 Datasheet HTML 31Page - STMicroelectronics STLS2F01 Datasheet HTML 32Page - STMicroelectronics STLS2F01 Datasheet HTML 33Page - STMicroelectronics STLS2F01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
DDR2 SDRAM controller interface description
STLS2F01
30/48
DLL_DQS_DELAY_BYPASS_0
56:48
0x0
0x0-0x1ff
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 0 during reads
when DLL is being bypassed.
TRFC
47:40
0x0
0x0-0xff
DRAM TRFC parameter in cycles.
TRCD_INT
39:32
0x0
0x0-0xff
DRAM TRCD parameter in cycles.
CONF_CTL_13[31:0]
Offset: 0xd0
DDR2 667:0x002a002a
DLL_DQS_DELAY_BYPASS_2
24:16
0x0
0x0-0x1
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 2 during reads
when DLL is being bypassed.
DLL_DQS_DELAY_BYPASS_1
8:0
0x0
0x0-0x1
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 1 during reads
when DLL is being bypassed.
CONF_CTL_13[63:32]
Offset: 0xd0
DDR2 667:0x002a002a
DLL_DQS_DELAY_BYPASS_4
56:48
0x0
0x0-0x1ff
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 4 during reads
when DLL is being bypassed.
DLL_DQS_DELAY_BYPASS_3
40:32
0x0
0x0-0x1ff
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 3 during reads
when DLL is being bypassed.
CONF_CTL_14[31:0]
Offset: 0xe0
DDR2 667:0x002a002a
DLL_DQS_DELAY_BYPASS_6
24:16
0x0
0x0-0x1ff
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 6 during reads
when DLL is being bypassed.
DLL_DQS_DELAY_BYPASS_5
8:0
0x0
0x0-0x1ff
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 7 during reads
when DLL is being bypassed.
CONF_CTL_14[63:32]
Offset: 0xe0
DDR2 667:0x002a002a
DLL_DQS_DELAY_BYPASS_8
56:48
0x0
0x0-0x1ff
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 8 during reads
when DLL is being bypassed.
DLL_DQS_DELAY_BYPASS_7
40:32
0x0
0x0-0x1ff
Number of delay elements to include
in the DQS signal from the DRAMs
for dll_rd_dqs_slice 7 during reads
when DLL is being bypassed.
CONF_CTL_15[31:0]
Offset: 0xf0
DDR2 667:0x00000004
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com