Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 34Page - STMicroelectronics STLS2F01 Datasheet HTML 35Page - STMicroelectronics STLS2F01 Datasheet HTML 36Page - STMicroelectronics STLS2F01 Datasheet HTML 37Page - STMicroelectronics STLS2F01 Datasheet HTML 38Page - STMicroelectronics STLS2F01 Datasheet HTML 39Page - STMicroelectronics STLS2F01 Datasheet HTML 40Page - STMicroelectronics STLS2F01 Datasheet HTML 41Page - STMicroelectronics STLS2F01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Electrical characteristics
STLS2F01
38/48
6.3
DC parameters
Table 15.
DC parameters
Parameter
Description
Min
Typ
Max
Unit
Note
VIH
Input high level voltage
2
V
(1)
1.
Input pin level (including tri-state pin).
VIL
input low level voltage
0.8
V
(1)
VOH
output high level voltage
vdde3v3-0.3
V
(2)
2.
Individual output pin (including output state tri-state pin) level.
VOL
output low level voltage
0.3
V
(2)
IIH
input high level leakage current
0.002
0.4
µA
(3)
3.
For tri-state input pin (excluding input).
IIL
input low level leakage current
-67.3
-65
µA
(3)
IOL
output low level current
8
mA
(4)
4.
Individual output pin (including output state tri-state pin) driving capability.
IOH
output high level current
8
mA
(4)
CIN
Input pin capacitor
4.4
7
7.5
pF
COUT
Output pin capacitor
23
25
27
pF
RPH
Pull-up resistance
32
50
81
K
Ω
(5)
5.
For input pin (excluding tri-state pin).
Table 16.
DC parameters (JTAG)
Parameter
Description
Min
Typ
Max
Unit
Note
CTIN
Test input capacitance
4.4
7
7.5
pF
(1)
1.
For TDI, TMS and TRST in JTAG.
CTOUT
Test output capacitance
23
25
27
pF
(2)
2.
For TDO in JTAG.
CTCK
TCK capacitance
4.4
7
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com