Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 30Page - STMicroelectronics STLS2F01 Datasheet HTML 31Page - STMicroelectronics STLS2F01 Datasheet HTML 32Page - STMicroelectronics STLS2F01 Datasheet HTML 33Page - STMicroelectronics STLS2F01 Datasheet HTML 34Page - STMicroelectronics STLS2F01 Datasheet HTML 35Page - STMicroelectronics STLS2F01 Datasheet HTML 36Page - STMicroelectronics STLS2F01 Datasheet HTML 37Page - STMicroelectronics STLS2F01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
DDR2 SDRAM controller interface description
STLS2F01
34/48
operation returns. In general, It is equal to or less than half period of ACALAT_LIN. The
Value of CASLAT_LIN is twice of the one of CAS.
5.
CONF_CTL_15 DLL_INCREMENT
The parameter should not be set 0.
6.
CONF_CTL_15 DLL_START_POINT
The parameter should not be set 0/1 and should be less than the 1.5 times of
DLL_LOCK_VALUE.
7.
CONF_CTL_28 UB_DIMM
The parameter should be set 1, when unbuffered DIMM(s) are used. It should be set 0,
when the SDRAM(s) are used.
4.5
DDR2 SDRAM sample mode configuration
DDR2 SDRAM controller is integrated in the STLS2F01. And the delay compensation circuit
(using DLL) is used to sample return data of DQS. Since there is the delay of data return
path between the memory controller and SDRAM module, it is necessary to introduce a set
of control signals used to measure the delay.
The control signals of DDR2_GATE_I[3:0] and DDR2_GATE_O[3:0] are used to the delay
measurement. On the PCB, DDR2_GATE_I and DDR2_GAT_O are connected together to
imitate the wiring delay on the PCB. Thus, the accuracy of sampling can be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com