Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 28Page - STMicroelectronics STLS2F01 Datasheet HTML 29Page - STMicroelectronics STLS2F01 Datasheet HTML 30Page - STMicroelectronics STLS2F01 Datasheet HTML 31Page - STMicroelectronics STLS2F01 Datasheet HTML 32Page - STMicroelectronics STLS2F01 Datasheet HTML 33Page - STMicroelectronics STLS2F01 Datasheet HTML 34Page - STMicroelectronics STLS2F01 Datasheet HTML 35Page - STMicroelectronics STLS2F01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
DDR2 SDRAM controller interface description
STLS2F01
32/48
EMRS3_DATA
46:32 0x0000
0x0-
0x7fff
EMRS3 data.
CONF_CTL_19[31:0]
Offset: 0x130
DDR2 667:0x00c8006b
TDLL
31:16 0x0000 0x0-0xffff DRAM TDLL parameter in cycles.
TCPD
15:0
0x0000 0x0-0xffff DRAM TCPD parameter in cycles.
CONF_CTL_19[63:32]
Offset: 0x130
DDR2 667:0x48e10002
TRAS_MAX
63:48 0x0000 0x0-0xffff
DRAM TRAS_MAX parameter in
cycles.
TPDEX
47:32 0x0000 0x0-0xffff DRAM TPDEX parameter in cycles.
CONF_CTL_20[31:0]
Offset: 0x140
DDR2 667:0x00c8002f
TXSR
31:16 0x0000 0x0-0xffff DRAM TXSR parameter in cycles.
TXSNR
15:0
0x0000 0x0-0xffff DRAM TXSNR parameter in cycles.
CONF_CTL_20[63:32]
Offset: 0x140
DDR2 667:0x00000000
XOR_CHECK_BITS
63:48 0x0000 0x0-0xffff
Value to XOR with generated ECC
codes for forced write check.
VERSION
47:32 0x2041
0x2041
Controller version number. Read-
only.
CONF_CTL_21[31:0]
Offset: 0x150
DDR2 667:0x00000036
ECC_C_ADDR[7:0]
31:24 0x0000
0x0-
0x1ffffffff
Address of correctable ECC event.
Read-only.
TINIT
23:0
0x0000
0x0-
0xfffff
DRAM TINIT parameter in cycles.
CONF_CTL_21[63:32]
Offset: 0x150
DDR2 667:0x00000000
ECC_C_ADDR[36:8]
60:32
0x0
0x0-
0x1ffffffff
Address of correctable ECC event.
Read-only.
CONF_CTL_22[31:0]
Offset: 0x160
DDR2 667:0x00000000
ECC_U_ADDR[31:0]
31:0
0x0
0x0-
0x1ffffffff
Address of uncorrectable ECC event.
Read-only.
CONF_CTL_22[63:32]
Offset: 0x160
DDR2 667:0x00000000
ECC_U_ADDR[36:32]
36:32
0x0
0x0-
0x1ffffffff
Address of uncorrectable ECC event.
Read-only.
CONF_CTL_23[31:0]
Offset: 0x170
DDR2 667:0x00000000
OUT_OF_RANGE_ADDR[31:0]
31:0
0x0
0x0-
0x1ffffffff
Address of command that caused an
Out-of-Range interrupt. Read-only
CONF_CTL_23[63:32]
Offset: 0x170
DDR2 667:0x00000000
OUT_OF_RANGE_ADDR[36:32] 36:32
0x0
0x0-
0x1ffffffff
Address of command that caused an
Out-of-Range interrupt. Read-only.
CONF_CTL_24[31:0]
Offset: 0x180
DDR2 667:0x00000000
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com