Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 22Page - STMicroelectronics STLS2F01 Datasheet HTML 23Page - STMicroelectronics STLS2F01 Datasheet HTML 24Page - STMicroelectronics STLS2F01 Datasheet HTML 25Page - STMicroelectronics STLS2F01 Datasheet HTML 26Page - STMicroelectronics STLS2F01 Datasheet HTML 27Page - STMicroelectronics STLS2F01 Datasheet HTML 28Page - STMicroelectronics STLS2F01 Datasheet HTML 29Page - STMicroelectronics STLS2F01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
DDR2 SDRAM controller interface description
STLS2F01
26/48
AXI0_R_PRIORITY
33:32
0x0
0x0-0x3
Priority of read command from port 0.
CONF_CTL_05[31:0]
Offset: 0x50
DDR2 667:0x04050202
COLUMN_SIZE
26:24
0x0
0x0-0x7
Difference between number of
column pins available and number
being used.
CASLAT
18:16
0x0
0x0-0x7
Encoded CAS latency sent to
DRAMs during initialization.
ADDR_PINS
10:8
0x0
0x0-0x7
Difference between number of
address pins available and number
being used.
RTT_PAD_TERMINATION
1:0
0x0
0x0-0x3
Set termination resistance in
controller pads.
CONF_CTL_05[63:32]
Offset: 0x50
DDR2 667:0x00000000
Q_FULLNESS
58:56
0x0
0x0-0x7
Quantity that determines command
queue full.
PORT_DATA
_ERROR_TYPE
50:48
0x0
0x0-0x7
Type of error and access type that
caused the PORT data error. Read-
only.
bit 0 – data overflow. The write data
quantity exceeded the
Maximum_Byte_Request configured
option.
bit 1 – write data interleaved beyond
supported interleaving depth.
bit 2 – ECC 2-bit error.
OUT_OF_RANGE_TYPE
42:40
0x0
0x0-0x7
Type of command that caused and
Out-of-Range interrupt. Read-only.
MAX_CS_REG
34:32
0x4
0x0-0x4
Maximum number of chip selects
available. Read-only
CONF_CTL_06[31:0]
Offset: 0x60
DDR2 667:0x03040203
TRTP
26:24
0x0
0x0-0x7
DRAM TRTP parameter in cycles.
TRRD
18:16
0x0
0x0-0x7
DRAM TRRD parameter in cycles.
TEMRS
10:8
0x0
0x0-0x7
DRAM TEMRS parameter in cycles.
TCKE
2:0
0x0
0x0-0x7
Minimum CKE pulse width.
CONF_CTL_06[63:32]
Offset: 0x60
DDR2 667:0x0a040305
APREBIT
59:56
0x0
0x0-0xf
Location of the auto pre-charge bit in
the DRAM address.
WRLAT
50:48
0x0
0x0-0x7
DRAM WRLAT parameter in cycles.
TWTR
42:40
0x0
0x0-0x7
DRAM TWTR parameter in cycles.
TWR_INT
34:32
0x0
0x0-0x7
DRAM TWR parameter in cycles.
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com