Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 20Page - STMicroelectronics STLS2F01 Datasheet HTML 21Page - STMicroelectronics STLS2F01 Datasheet HTML 22Page - STMicroelectronics STLS2F01 Datasheet HTML 23Page - STMicroelectronics STLS2F01 Datasheet HTML 24Page - STMicroelectronics STLS2F01 Datasheet HTML 25Page - STMicroelectronics STLS2F01 Datasheet HTML 26Page - STMicroelectronics STLS2F01 Datasheet HTML 27Page - STMicroelectronics STLS2F01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
DDR2 SDRAM controller interface description
STLS2F01
24/48
ECC_DISABLE_W_UC_ERR
24:24
0x0
0x0-0x1
Disable auto-corruption of ECC
when un-correctable errors occur in
R/M/W operations.
DQS_N_EN
16:16
0x0
0x0-0x1
Single-ended or differential DQS
pins.
DLL_BYPASS_MODE
8:8
0x0
0x0-0x1
Enable the DLL bypass feature of the
controller.
DLLLOCKREG
0:0
0x0
0x0-0x1
Status of DLL lock coming out of
master delay. Read-only.
CONF_CTL_01[63:32] Offset: 0x10
DDR2 667:0x00100000
FWC
56:56
0x0
0x0-0x1
Force a write checks. Xor
XOR_CHECK_BITS with ECC code
and write to memory. Write-only
FAST_WRITE
48:48
0x0
0x0-0x1
Sets when write command are
issued to DRAM device.
ENABLE_QUICK_SREFRESH
40:40
0x0
0x0-0x1
Allows user to interrupt memory
initialization to enter self-refresh
mode.
EIGHT_BANK_MODE
32:32
0x0
0x0-0x1
Number of banks on the DRAM(s).
CONF_CTL_02[31:0] Offset: 0x20
DDR2 667:0x00000000
NO_CMD_INIT
24:24
0x0
0x0-0x1
Disable DRAM command until TDLL
has expired during initialization.
INTRPTWRITENA
16:16
0x0
0x0-0x1
Allow the controller to interrupt a
combined write command with auto
pre-charge with another write
command.
INTRPTREADA
8:8
0x0
0x0-0x1
Allow the controller to interrupt a
combined read with auto pre-charge
command with another read
command.
INTRPTAPBURST
0:0
0x0
0x0-0x1
Allow the controller to interrupt an
auto pre-charge command with
another command.
CONF_CTL_02[63:32]
Offset: 0x20
DDR2 667:0x01000101
PRIORITY_EN
56:56
0x0
0x0-0x1
Enable priority for command queue
placement logic.
POWER_DOWN
48:48
0x0
0x0-0x1
Disable clock enable and set DRAMs
in power-down state.
PLACEMENT_EN
40:40
0x0
0x0-0x1
Enable placement logic for command
queue.
ODT_ADD_TURN_CLK_EN
32:32
0x0
0x0-0x1
Enable extra turn-around clock
between back-to-back reads/writes
to different chip selects.
Table 12.
DDR SDRAM configuration parameter register format (continued)
Parameters
Bits
Default
value
Range
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com