Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLS2F01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 13Page - STMicroelectronics STLS2F01 Datasheet HTML 14Page - STMicroelectronics STLS2F01 Datasheet HTML 15Page - STMicroelectronics STLS2F01 Datasheet HTML 16Page - STMicroelectronics STLS2F01 Datasheet HTML 17Page - STMicroelectronics STLS2F01 Datasheet HTML 18Page - STMicroelectronics STLS2F01 Datasheet HTML 19Page - STMicroelectronics STLS2F01 Datasheet HTML 20Page - STMicroelectronics STLS2F01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
STLS2F01
I/O bus interface description
17/48
3
I/O bus interface description
The STLS2F01 processor I/O interface consists of PCI bus and Local bus. PCI bus is used
to for generic peripheral devices interface, while Local bus is the simple interface to boot or
debug the processor.
3.1
PCI interface characteristic
The PCI interface features:
●
PCI 2.3 and PCI-X 1.0 compatible
●
Support PCI 66 MHz and PCI-X133 MHz
●
Support dual address cycle for 64-bit addressing
●
Support 8 outstanding master request in PCI-X mode
●
Support 4 delay-split read request in PCI-X mode
3.2
Host and agent mode
The STLS2F01’s PCI interface could be worked in Host mode or Agent mode. It depends on
initial signal PCI_CONFIG. When the processor works in Host mode, the interface initializes
the bus device according to the value of PCI_CONFIG[6:4]. In this case, PCI_IDSEL could
connect to GND directly. When the processor works in Agent mode, the initial value of PCI
bus defines the work-mode of the interface. In Host mode, on the system main board, the
value of PCI_CONFIG[6:4] should be set according to the ability of bus device. (Please refer
to PCI-X 1.0 standard)
3.3
PCI bus arbitrator
PCI/PCI-X bus arbitrator built in STLS2F01 supports 7 external masters at most. The
arbitration rules are two levels Round Robin scheduling. The level of each request is
determined by software configuration. The bus is granted to insert a dummy cycle during
switching. Bus parking can be configured as the last master or any specified master.
The internal request/grant wire of interface could be set to connect to the number 0
request/grant wire by PCI_CONFIG [1], so that the external bus arbitrator can be used.
3.4
System interface connection
The STLS2F01 processor can be easily implemented in uniprocessor system. Since no
multi-processor cache coherence protocol is supported in PCI interface, the cache
coherence should be managed by software in multiprocessor system.
●
Single processor system connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com